Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1050 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 17Page - Analog Devices ADP1050 Datasheet HTML 18Page - Analog Devices ADP1050 Datasheet HTML 19Page - Analog Devices ADP1050 Datasheet HTML 20Page - Analog Devices ADP1050 Datasheet HTML 21Page - Analog Devices ADP1050 Datasheet HTML 22Page - Analog Devices ADP1050 Datasheet HTML 23Page - Analog Devices ADP1050 Datasheet HTML 24Page - Analog Devices ADP1050 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
ADP1050
Data Sheet
CS1 CURRENT SENSE (CS1 PIN)
The CS1 current sense input (Pin 5) senses, protects, and controls
the primary side input. CS1 can be calibrated to reduce errors due
to the external components.
Current Sense 1 (CS1) is typically used for the monitoring and
protection of the primary side current, which is commonly sensed
using a current transformer (CT). The input signal at the CS1 pin is
fed into an ADC for current monitoring. The range of the ADC is
0 V to 1.60 V. The input signal is also fed into an analog comparator
for cycle-by-cycle current limiting and IIN overcurrent fast protection,
with a reference of 0.25 V or 1.2 V set by Register 0xFE1B[6].
The typical configuration for the CS1 current sense is shown in
Figure 23.
REFERENCE
REG 0xFE1B[6]
12 BITS
CYCLE-BY-CYCLE
CURRENT LIMITING
AND IIN FAST OCP
CS1
ADC
VIN
Figure 23. Current Sense 1 (CS1) Operation
The CS1 ADC is used to measure the average value of the primary
side current. The ADC samples at a frequency of 1.56 MHz and
reports a CS1 reading (12 bits) in the READ_IIN command
(Register 0x89), with an asynchronously averaged rate of 10 ms,
52 ms, 105 ms, or 210 ms set by Register 0xFE65[1:0].
Various IIN overcurrent fast fault limits and response actions can
be set for CS1. These are described in the Current Sense and
Limit Setting Registers section.
SOFT START AND SHUTDOWN
On/Off Control
The OPERATION command (Register 0x01) and the ON_OFF_
CONFIG command (Register 0x02) control the power-on and
power-off behavior of the ADP1050. The OPERATION command
turns the ADP1050 on and off in conjunction with input from the
CTRL pin (Pin 13). The combination of the CTRL pin input and
the serial bus commands required to turn the ADP1050 on and off
is configured by the ON_OFF_CONFIG command. When the
ADP1050 is commanded to turn on, the power supply on (PSON)
signal is enabled, and the ADP1050 follows the soft start procedure
to begin the power conversion.
Soft Start
After VDD power-up and initialization, the PSON signal is enabled
when the ADP1050 is commanded to turn on. The controller waits
for a user specified turn-on delay (TON_DELAY, Register 0x60)
before initiating output voltage soft start ramp. The soft start is then
performed by actively regulating the output voltage and digitally
ramping up the target voltage to the commanded voltage setpoint.
The rise time of the voltage ramp is programmed, using the TON_
RISE command (Register 0x61) to minimize the inrush currents
associated with the start-up voltage ramp. A nonzero prebiased
voltage results in a longer turn-on delay and shorter rise time.
CTRL
PIN
REG 0x02[1]
REG 0x01[7:6]
REG 0x02[0]
ON
OFF
IMMEDIATE
OFF
DELAY OFF
OPERATION
(SOFTWARE)
ON
REG 0x01[5:4]
REG 0x02[4:2]
ALWAYS ON
ON/OFF
OPERATION
VOUT COMMAND
VOUT MARGIN LOW
VOUT MARGIN HIGH
IMMEDIATE
OFF
DELAY OFF
Figure 24. On/Off Control Diagram
Rev. A | Page 20 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com