Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5090ACPZ-1-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5090ACPZ-1-R7
Description  Ultralow Power Boost Regulator with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5090ACPZ-1-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP5090ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet
ADP5090
Rev. C | Page 3 of 21
SPECIFICATIONS
VIN = 1.2 V, VSYS = VBAT = 3 V, TJ = −40°C to 125°C for minimum/maximum specifications and TA = 25°C for typical specifications, unless
otherwise noted. External components and inductor (L) = 22 µH, CIN = 4.7 µF, CSYS = 4.7 µF.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
COLD-START CIRCUIT
Minimum Input Voltage for Cold-Start
VIN_COLD
VSYS = 0 V, 0°C < TA < 85°C
380
440
mV
Minimum Input Power for Cold-Start
PIN_COLD
16
µW
End of Cold-Start Operation Threshold
VSYS_TH
1.8
1.93
2.03
V
End of Cold-Start Operation Hysteresis
VSYS_HYS
125
mV
BOOST REGULATOR
Input Voltage Operation Range
VIN
Cold-start completed
0.1
3.3
V
Input Power Operation Range
PIN
Cold-start completed, VIN = 0.5 V
0.01
200
mW
Input Peak Current
IIN_PEAK
Factory trim, 1 bit (Option 0)
100
135
mA
Factory trim, 1 bit (Option 1)
195
250
mA
Low-Side Switch on Resistance
RLS_DS_ON
1.25
1.71
Ω
High-Side Switch on Resistance
RHS_DS_ON
1.38
1.88
Ω
SYS Switch on Resistance
RSYS_DS_ON
0.48
0.70
Ω
DIS_SW High Voltage
DIS_SWHIGH
1
V
DIS_SW Low Voltage
DIS_SWLOW
0.5
V
DIS_SW Delay
tDIS_DELAY
1
μs
VIN CONTROL AND REGULATION
VIN Open Circuit Voltage Sampling Cycle
TVOC_CYCLE
19
s
VIN Open Circuit Voltage Sampling Time
TVOC_SAMPL
296
ms
MINOP Bias Current
IMINOP
1.45
2
2.55
μA
MINOP Operation Voltage Range
VMINOP
1
V
ENERGY STORAGE MANAGEMENT
Operating Quiescent Current of SYS Pin
IQ_SYS
VIN > VCBP ≥ VMINOP, VSYS > VBAT_SD
320
580
nA
Sleeping Quiescent Current of SYS Pin
IIQ_SLEEP_SYS
VCBP < VMINOP, VSYS > VBAT_SD
260
480
nA
Internal Reference Voltage
VREF
1.14
1.21
1.28
V
Battery Stop Discharging Threshold
VBAT_SD
2
VBAT_TERM
V
Battery Stop Discharging Hysteresis Resistor
RBAT_SD_HYS
65
103.5
150
kΩ
Battery Terminal Charging Threshold
VBAT_TERM
2.2
5.2
V
Battery Terminal Charging Hysteresis
VBAT_TERM_HYS
3
3.7
%
PGOOD Falling Threshold at SYS Pin
VSYS_PG
VBAT_SD
VBAT_TERM
V
PGOOD Hysteresis Resistor at SYS Pin
RSYS_PG_HYS
65
103.5
150
kΩ
PGOOD Pull-Up Resistor
11.8
17
kΩ
PGOOD Pull-Down Resistor
11.8
17
kΩ
Battery Switch on Resistance
RBAT_SW_ON
0.55
0.73
Ω
Battery Current Capability
IBAT
800
mA
Leakage Current at BAT Pin
IBAT_LEAK
VBAT = 2 V, VBAT_SD = 2.2 V, VSYS = 2 V
15
50
nA
VBAT = 3.3 V, VBAT_SD = 2.2 V, VSYS = 0 V
0.5
20
nA
BACK_UP POWER PATH
BACK_UP Switches on Resistance
RBKP_SW_ON
VSYS = VBACK_UP = 3 V
1.18
1.60
Ω
BACK_UP and BAT Comparator Offset
VBKP_OFFSET
VSYS ≥ VSYS_TH
135
185
250
mV
BACK_UP and BAT Comparator Hysteresis
VBAT_HYS
VSYS ≥ VSYS_TH
55
75
100
mV
BACK_UP Current Capability
IBKP
VSYS ≥ VSYS_TH
400
520
mA
Plug in the backup battery first
250
µA
Leakage Current at BACK_UP Pin
IBKP_LEAK
VBACK_UP = VSYS = VBAT = 3 V
6
18
nA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSHDN
VSYS ≥ VSYS_TH
125
°C
Thermal Shutdown Hysteresis
THYS
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com