Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5090ACPZ-1-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5090ACPZ-1-R7
Description  Ultralow Power Boost Regulator with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5090ACPZ-1-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5090ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5090ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Data Sheet
ADP5090
Rev. C | Page 17 of 21
CBP Capacitor
The operation of the MPPT pin depends on the sampled value
of the OCV. The VIN pin is regulated to the voltage stored on
the CBP capacitor. This capacitor is sensitive to leakage because
the holding period is around 19 sec. As the capacitor voltage
drops due to leakage, the VIN regulation voltage also drops and
influences the effectiveness of MPPT. When the IC junction
temperature exceeds 85°C, the leakage current of the CBP pin
significantly increases so that a larger capacitance is beneficial
to the effectiveness of the MPPT. It is recommended to keep the
same RC time constant of the MPPT resistors and CBP
capacitor (up to 220 nF) as the typical application circuit in
Figure 33. Considering the time constant of the MPPT resistor
divider and the CBP capacitor, a low leakage X7R or C0G 10 nF
ceramic capacitor is recommended.
LAYOUT AND ASSEMBLY CONSIDERATIONS
Carefully consider the printed circuit board (PCB) layout
during the design of the switching power supply, especially at
high peak currents and high switching frequency. Therefore, it
is recommended to use wide and short traces for the main
power path and the power ground paths. Place the input
capacitors, output capacitors, inductor, and storage elements as
close as possible to the IC. It is most important for the boost
regulator to minimize the power path from output to ground.
Therefore, place the output capacitor as close as possible
between the SYS pin and the PGND pin. Keep a minimum
power path from the input capacitor to the inductor from the
VIN pin to the PGND pin. Place the input capacitor as close as
possible between the VIN pin and the PGND pin, and place the
inductor close to the VIN pin and the SW pin. It is best to use
vias and bottom traces for connecting the inductors to their
respective pins. To minimize noise pickup by the high
impedance threshold setting nodes (REF, TERM, SETSD, and
SETPG), place the external resistors close to the IC with short
traces.
The CBP capacitor must hold the MPPT voltage for 19 sec, as
any leakage can degrade the MPPT effectiveness. During board
assembly and cleaning, contaminants such as solder flux and
residue may form parasitic resistance to ground, especially in
humid environments with fast airflow. This can significantly
degrade the voltage regulation and change threshold levels set
by the external resistors. Therefore, it is recommended that no
ground planes be poured near the CBP capacitor or the
threshold setting resistors. In addition, the boards must be
carefully cleaned. If possible, clean ionic contamination with
deionized water for the CBP capacitor and the threshold setting
resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com