Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-5.0-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP7182ACPZ-5.0-R7
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182ACPZ-5.0-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP7182ACPZ-5.0-R7 Datasheet HTML 1Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 2Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 3Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 4Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 5Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 6Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 7Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 8Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADP7182
Data Sheet
Rev. I | Page 4 of 31
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY REJECTION RATIO
PSRR
1 MHz, VIN = −4.3 V, VOUT = −3 V
45
dB
1 MHz, VIN = −6 V, VOUT = −5 V
32
dB
100 kHz, VIN = −4.3 V, VOUT = −3 V
45
dB
100 kHz, VIN = −6 V, VOUT = −5 V
45
dB
10 kHz, VIN = −4.3 V, VOUT = −3 V
66
dB
10 kHz, VIN = −6 V, VOUT = −5 V
66
dB
1 MHz, VIN = −16 V, VOUT = −15 V, adjustable mode,
CNR = 100 nF, RNR = 13 kΩ, RFB1 = 13 kΩ, RFB2 = 147 kΩ
45
dB
100 kHz, VIN = −16 V, VOUT = −15 V, adjustable mode,
CNR = 100 nF, RNR = 13 kΩ, RFB1 = 13 kΩ, RFB2 = 147 kΩ
45
dB
10 kHz, VIN = −16 V, VOUT = −15 V, adjustable mode,
CNR = 100 nF, RNR = 13 kΩ, RFB1 = 13 kΩ, RFB2 = 147 kΩ
66
dB
1
Based on an endpoint calculation using −1 mA and −200 mA loads. See Figure 10 for the typical load regulation performance for loads less than 1 mA.
2
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages below −3 V.
3
Start-up time is defined as the time between the rising edge of EN to VOUT being at 90% of the nominal value.
4
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a −5 V
output voltage is defined as the current that causes the output voltage to drop to 90% of −5 V, or −4.5 V.
INPUT AND OUTPUT CAPACITANCE, RECOMMENDED SPECIFICATIONS
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT AND OUTPUT CAPACITANCE
Minimum Capacitance1
CMIN
TA = −40°C to +125°C
1.5
2.2
µF
Capacitor Effective Series Resistance (ESR)
RESR
TA = −40°C to +125°C
0.001
0.2
Ω
1
The minimum input and output capacitance must be greater than 1.5 µF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended;
Y5V and Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com