Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-5.0-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP7182ACPZ-5.0-R7
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182ACPZ-5.0-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP7182ACPZ-5.0-R7 Datasheet HTML 6Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 7Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 8Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 9Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 10Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 11Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 12Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 13Page - Analog Devices ADP7182ACPZ-5.0-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADP7182
Data Sheet
Rev. I | Page 10 of 31
0
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = –2.7V
VIN = –3.0V
VIN = –4.0V
VIN = –5.0V
VIN = –8.0V
VIN = –28.0V
Figure 15. Shutdown Current vs. Temperature at Various Input Voltages
0
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
1
10
100
1000
ILOAD (mA)
Figure 16. Dropout Voltage vs. Load Current (ILOAD)
–2.55
–3.05
–3.00
–2.95
–2.90
–2.85
–2.80
–2.75
–2.70
–2.65
–2.60
–3.4
–3.2
–3.0
–2.8
VIN (V)
ILOAD = –5mA
ILOAD = –10mA
ILOAD = –25mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 17. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout
0
–1200
–1000
–800
–600
–400
–200
–3.4
–3.2
–3.0
–2.8
VIN (V)
ILOAD = –5mA
ILOAD = –10mA
ILOAD = –25mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 18. Ground Current vs. Input Voltage (VIN) in Dropout
–4.90
–5.10
–5.08
–5.06
–5.04
–5.02
–5.00
–4.98
–4.96
–4.94
–4.92
–40
–52585
125
JUNCTION TEMPERATURE (°C)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 19. Output Voltage (VOUT) vs. Junction Temperature (TJ), VOUT = −5 V
–5.000
–5.005
–5.010
–5.015
–5.020
–5.025
–5.030
–5.035
–5.040
–5.045
–5.050
–200
–150
–100
–50
0
ILOAD (mA)
Figure 20. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = −5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com