Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182AUJZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP7182AUJZ-R7
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182AUJZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP7182AUJZ-R7 Datasheet HTML 1Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 2Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 3Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 4Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 5Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 6Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 7Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 8Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
ADP7182
Rev. I | Page 3 of 31
SPECIFICATIONS
VIN = (VOUT − 0.5 V) or −2.7 V (whichever is greater), EN = VIN, IOUT = −10 mA, CIN = COUT = 2.2 µF, TJ = −40°C to +125°C for
minimum/maximum specifications, TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
−2.7
−28
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 µA
−33
−53
µA
IOUT = −10 mA
−100
−150
µA
IOUT = −200 mA
−650
−850
µA
SHUTDOWN CURRENT
IGND-SD
EN = GND
−2
µA
EN = GND, VIN = −2.7 V to −28 V
−8
µA
OUTPUT VOLTAGE ACCURACY
Fixed Output Voltage Accuracy
VOUT
IOUT = −10 mA, TA = 25°C
–1
+1
%
−1 mA < IOUT < −200 mA, VIN = (VOUT − 0.5 V) to −28 V
–3
+2
%
Adjustable Output Voltage
Accuracy
VADJ
IOUT = −10 mA
−1.208
−1.22
−1.232
V
−1 mA < IOUT < −200 mA, VIN = (VOUT − 0.5 V) to −28 V
−1.184
−1.244
V
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT − 0.5 V) to −28 V
−0.01
+0.01
%/V
LOAD REGULATION1
∆VOUT/∆IOUT
IOUT = −1 mA to −200 mA
0.001
0.006
%/mA
ADJ INPUT BIAS CURRENT
ADJI-BIAS
−1 mA < IOUT < −200 mA, VIN = (VOUT − 0.5 V) to −28 V
10
nA
DROPOUT VOLTAGE2
VDO
IOUT = −10 mA
−25
−70
mV
IOUT = −50 mA
−46
−90
mV
IOUT = −200 mA
−185
−360
mV
START-UP TIME3
tSTART-UP
VOUT = −5 V
550
µs
VOUT = −2.8 V
375
µs
CURRENT-LIMIT THRESHOLD4
ILIMIT
−230
−350
−500
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN THRESHOLD
Positive Rise
VEN-POS-RISE
VOUT = off to on (positive)
1.2
V
Negative Rise
VEN-NEG-RISE
VOUT = off to on (negative)
−2.0
V
Positive Fall
VEN-POS-FALL
VOUT = on to off (positive)
0.3
V
Negative Fall
VEN-NEG-FALL
VOUT = on to off (negative)
−0.55
V
INPUT VOLTAGE LOCKOUT
Start Threshold
VSTART
−2.695
−2.49
V
Shutdown Threshold
VSHUTDOWN
−2.34
−2.1
V
Hysteresis
150
mV
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VOUT = −1.5 V, VOUT = −3 V, and
VOUT = −5 V
18
µV rms
10 Hz to 100 kHz, VOUT = −5 V, adjustable mode,
CNR = open, RNR = open, RFB1 = 147 kΩ, RFB2 = 13 kΩ
150
µV rms
10 Hz to 100 kHz, VOUT = −5 V, adjustable mode,
CNR = 100 nF, RNR = 13 kΩ, RFB1 = 147 kΩ, RFB2 = 13 kΩ
33
µV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com