Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182AUJZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7182AUJZ-R7
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182AUJZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP7182AUJZ-R7 Datasheet HTML 1Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 2Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 3Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 4Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 5Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 6Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 7Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 8Page - Analog Devices ADP7182AUJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
–28 V, −200 mA, Low Noise,
Linear Regulator
Data Sheet
ADP7182
Rev. I
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low noise: 18 µV rms
Power supply rejection ratio (PSRR): 66 dB at 10 kHz atVOUT = −3V
Positive or negative enable logic
Stable with small 2.2 µF ceramic output capacitor
Input voltage range: −2.7 V to −28 V
Maximum output current: −200 mA
Low dropout voltage: −185 mV at −200 mA load
Initial accuracy: ±1%
Accuracy over line, load, and temperature
+2% maximum/−3% minimum
Low quiescent current, IGND = −650 µA with −200 mA load
Low shutdown current: −2 µA
Adjustable output from −1.22 V to −VIN + VDO
Current-limit and thermal overload protection
6- and 8-lead LFCSP and 5-lead TSOT
Supported by ADIsimPower tool
APPLICATIONS
Regulation to noise sensitive applications
Analog-to-digital converter (ADC) and digital-to-analog
converter (DAC) circuits, precision amplifiers
Communications and infrastructure
Medical and healthcare
Industrial and instrumentation
TYPICAL APPLICATION CIRCUITS
GND
EN
NC
VIN
VOUT
ADP7182
ON
ON
–2V
OFF
0V
2V
VIN = –8V
VOUT = –5V
COUT
2.2µF
CIN
2.2µF
Figure 1. ADP7182 with Fixed Output Voltage, VOUT = −5 V
13kΩ
40.2kΩ
GND
EN
ADJ
VIN
VOUT
ADP7182
ON
ON
–2V
OFF
0V
2V
VIN = –8V
VOUT = –5V
COUT
2.2µF
CIN
2.2µF
Figure 2. ADP7182 with Adjustable Output Voltage, VOUT = −5 V
GENERAL DESCRIPTION
The ADP7182 is a CMOS, low dropout (LDO) linear regulator
that operates from −2.7 V to −28 V and provides up to −200 mA
of output current. This high input voltage LDO is ideal for
regulation of high performance analog and mixed signal circuits
operating from −27 V down to −1.2 V rails. Using an advanced
proprietary architecture, it provides high power supply rejection
and low noise, and achieves excellent line and load transient
response with a small 2.2 µF ceramic output capacitor.
The ADP7182 is available in fixed output voltage and an
adjustable version that allows the output voltage to range from
−1.22 V to −VIN + VDO via an external feedback divider.
The following fixed output voltages are available from stock: −5 V
(3 mm × 3 mm LFCSP), −1.8 V, −2.5 V, −3 V, −5 V (TSOT), −1.2 V,
−1.5 V, −2.5 V, −5 V (2 mm × 2 mm LFCSP). Additional voltages
are available by special order.
The ADP7182 regulator output noise is 18 µV rms independent
of the output voltage. The enable logic is capable of interfacing
with positive or negative logic levels for maximum flexibility.
The ADP7182 is available in 5-lead TSOT, 6- and 8-lead LFCSP
packages for a small, low profile footprint.


Similar Part No. - ADP7182AUJZ-R7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ADP7182ACPZ-5.0-R7 ANACHIP-ADP7182ACPZ-5.0-R7 Datasheet
768Kb / 28P
??8 V, ??00 mA, Low Noise, Linear Regulator
Rev. A
ADP7182ACPZ-R7 ANACHIP-ADP7182ACPZ-R7 Datasheet
768Kb / 28P
??8 V, ??00 mA, Low Noise, Linear Regulator
Rev. A
More results

Similar Description - ADP7182AUJZ-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
MORNSUN Science& Techno...
K7803-500 MORNSUN-K7803-500 Datasheet
118Kb / 3P
SINGLE POSITIVE/NEGATIVE OUTPUT
K7803-1000 MORNSUN-K7803-1000 Datasheet
109Kb / 3P
SINGLE POSITIVE /NEGATIVE OUTPUT
logo
Analog Devices
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
Quad UV/OV Positive/Negative
REV. B
logo
M/A-COM Technology Solu...
MAAD-010305 MA-COM-MAAD-010305_15 Datasheet
688Kb / 6P
Positive or Negative Voltage Control
logo
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
Negative output from positive input
logo
M/A-COM Technology Solu...
MAAD-010305 MA-COM-MAAD-010305 Datasheet
688Kb / 6P
Positive or Negative Voltage Control
logo
Artesyn Technologies
AIH ARTESYN-AIH Datasheet
454Kb / 2P
Positive and Negative enable function
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
Schneider Electric
BMXDAI1602 SCHNEIDER-BMXDAI1602 Datasheet
248Kb / 6P
discrete input module X80 - 16 inputs - 24V AC/DC positive or negative
Apr 18, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com