Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM759 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM759
Description  Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM759 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM759 Datasheet HTML 2Page - National Semiconductor (TI) LM759 Datasheet HTML 3Page - National Semiconductor (TI) LM759 Datasheet HTML 4Page - National Semiconductor (TI) LM759 Datasheet HTML 5Page - National Semiconductor (TI) LM759 Datasheet HTML 6Page - National Semiconductor (TI) LM759 Datasheet HTML 7Page - National Semiconductor (TI) LM759 Datasheet HTML 8Page - National Semiconductor (TI) LM759 Datasheet HTML 9Page - National Semiconductor (TI) LM759 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typ
Max
Typ
Max
Package
iJC
iJC
iJA
iJA
CW
CW
CW
CW
Plastic Package (P)
80
12
75
80
Metal Can (H)
30
40
120
150
PD Max e
TJ Max b TA
iJC a iCA
or
e
TJ Max b TA
iJA
(without a heat sink)
iCA e iCS a iSA
Solving TJ
TJ e TA a PD (iJC a iCA)or
e
TA a PDiJA (without a heat sink)
Where
TJ
e
Junction Temperature
TA
e
Ambient Temperature
PD
e
Power Dissipation
iJA e Junction to ambient thermal resistance
iJC e Junction to case thermal resistance
iCA e Case to ambient thermal resistance
iCS e Case to heat sink thermal resistance
iSA e Heat sink to ambient thermal resistance
Mounting Hints
Metal Can Package (LM759CHLM759MH)
The LM759 in the 8-Lead TO-99 metal can package must
be used with a heat sink With g15V power supplies the
LM759 can dissipate up to 540 mW in its quiescent (no
load) state This would result in a 100 C rise in chip temper-
ature to 125 C (assuming a 25 C ambient temperature) In
order to avoid this problem it is advisable to use either a slip
on or stud mount heat sink with this package If a stud
mount heat sink is used it may be necessary to use insulat-
ing washers between the stud and the chassis because the
case of the LM759 is internally connected to the negative
power supply terminal
Plastic Package (LM759CPLM77000CP)
The LM759CP and LM77000CP are designed to be at-
tached by the tab to a heat sink This heat sink can be either
one of the many heat sinks which are commercially avail-
able a piece of metal such as the equipment chassis or a
suitable amount of copper foil as on a double sided PC
board The important thing to remember is that the negative
power supply connection to the op amp must be made
through the tab Furthermore adequate heat sinking must
be provided to keep the chip temperature below 125 C un-
der worst case load and ambient temperature conditions
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com