Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM759 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM759
Description  Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM759 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM759 Datasheet HTML 1Page - National Semiconductor (TI) LM759 Datasheet HTML 2Page - National Semiconductor (TI) LM759 Datasheet HTML 3Page - National Semiconductor (TI) LM759 Datasheet HTML 4Page - National Semiconductor (TI) LM759 Datasheet HTML 5Page - National Semiconductor (TI) LM759 Datasheet HTML 6Page - National Semiconductor (TI) LM759 Datasheet HTML 7Page - National Semiconductor (TI) LM759 Datasheet HTML 8Page - National Semiconductor (TI) LM759 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH10075
November 1994
LM759LM77000
Power Operational Amplifiers
General Description
The LM759 and LM77000 are high performance operational
amplifiers that feature high output current capability The
LM759 is capable of providing 325 mA and the LM77000
providing 250 mA Both amplifiers feature small signal char-
acteristics that are better than the LM741 The amplifiers
are designed to operate from a single or dual power supply
with an input common mode range that includes the nega-
tive supply The high gain and high output power provide
superior performance Internal current limiting thermal shut-
down and safe area compensation are employed making
the LM759 and LM77000 essentially indestructible
Features
Y
Output current
LM759325 mA minimum
LM77000250 mA minimum
Y
Internal short circuit current limiting
Y
Internal thermal overload protection
Y
Internal output transistors safe-area protection
Y
Input common mode voltage range includes ground or
negative supply
Applications
Y
Voltage regulators
Y
Audio amplifiers
Y
Servo amplifiers
Y
Power drivers
Connection Diagrams and Ordering Information
TLH10075 – 1
Lead 4 connected to case
Top View
Order Number LM759MH LM759CH or LM759H883
See NS Package Number H08C
TLH10075 – 2
Top View
Order Number LM759CP or LM77000CP
See NS Package Number P04A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM759

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM7596 FCI-LM7596 Datasheet
226Kb / 3P
LM7596 Simple Switcher Power Converter 150kHz 3A Step-Down Voltage Regulator
More results

Similar Description - LM759

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com