Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR343ECT Datasheet(PDF) 2 Page - Rohm

Part # SLR343ECT
Description  HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR343ECT Datasheet(HTML) 2 Page - Rohm

  SLR343ECT Datasheet HTML 1Page - Rohm SLR343ECT Datasheet HTML 2Page - Rohm SLR343ECT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CONVENTIONAL LED LAMPS
■ Electrical Characteristic Curves
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
10
100
2.5
3.5
4.5
1
FORWARD VOLTAGE : V
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-20 -10 0
10 20 30 40 50 60 70 80
IF=20mA
CASE TEMPERATURE : Tc
(℃)
150
100
50
0
20
10
30
0
PEAK FORWARD CYRRENT :
(mA)
f=1kHz
1
1
3.3
10
10
100
1000
10000
PULSE DURATION : Tw
(μs)
20
10
0
40
30
AMBIENT TEMPERATURE : Ta
(℃)
-20 -10 0 102030405060708090 100
SLR343BBT
SLR343BCT
SLR343BDT
SLR343EBT
SLR343ECT
SLR343EDT
SLR343BBT
SLR343BCT
SLR343BDT
SLR343EBT
SLR343ECT
SLR343EDT
SLR343BBT
SLR343BCT
SLR343BDT
SLR343EBT
SLR343ECT
SLR343EDT
SLR343BBT
SLR343BCT
SLR343BDT
SLR343EBT
SLR343ECT
SLR343EDT
SLR343BBT
SLR343BCT
SLR343BDT
SLR343EBT
SLR343ECT
SLR343EDT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com