Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR343ECT Datasheet(PDF) 1 Page - Rohm

Part # SLR343ECT
Description  HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR343ECT Datasheet(HTML) 1 Page - Rohm

  SLR343ECT Datasheet HTML 1Page - Rohm SLR343ECT Datasheet HTML 2Page - Rohm SLR343ECT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Green
20
100
5
468
523
518
26
20
20
3.5
3.8
36
35
350
90
600
200
800
300
420
610
3500
900
SLR343BBT
SLR343BCT
SLR343EBT
SLR343ECT
SLR343BDT
SLR343EDT
Transparent
Clear
SLR343BBT
SLR343BCT
SLR343EBT
SLR343ECT
Blue
Green
120
30
100
5
-20 to +80
-30 to +100
SLR343BDT
SLR343EDT
CONVENTIONAL LED LAMPS
High Brightness Type φ3.1 Circular Type LED Lamps〈LEDs with Pressure Release Structure〉
SLR343 Series
(Typ.)
■ Directivity
■ Packaging Spacifications(Unit:mm)
■ Recommemded Pad Layout
Circular Type
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
■ External Dimensions(Unit:mm)
Tolerance:
±0.2
VR
(V)
∆λ
■ Absolute Maximum Ratings(Ta=25℃)
■ Electrical Optical Characteristics(Ta=25℃)
Shape
Emitting Surface
Dimension (mm)
Packaging
Blue
InGaN on SiC
(Unit:mm)
1500
2000
(2.5)
CATHODE
φ3.8±0.3
φ3.1
2-
□0.4±0.1
4-0.5 +0.2
−0.1
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Relative Luminous Intensity (
%)
1.0
2.0
2.5
±0.1
Bulk
(3F)
:2000pcs/Box
70
100
170
φ3.1
* IFP measured under duty ≦1/ 10,1kHz
Peak
forward
current
*IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Stotage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
Pressure
Release
523nm
518nm
SLR343EBT
SLR343ECT
SLR343EDT
468nm
SLR343BBT
SLR343BCT
SLR343BDT
Note) "-" will be taken out for emitting color B/E series.


Similar Part No. - SLR343ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR343ECT ROHM-SLR343ECT Datasheet
164Kb / 5P
Competent to direct mount
SLR343ECT ROHM-SLR343ECT Datasheet
176Kb / 5P
SLR-343 Series
SLR343ECT ROHM-SLR343ECT Datasheet
164Kb / 5P
Electrical Characteristics Curves
SLR343ECT ROHM-SLR343ECT Datasheet
167Kb / 6P
Viewing angle 20 1/2 40
SLR343ECT3F ROHM-SLR343ECT3F Datasheet
176Kb / 5P
SLR-343 Series
More results

Similar Description - SLR343ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
Dual-Color Type 3.1 Circular Type LED Lamps
SLR-343 ROHM-SLR-343 Datasheet
247Kb / 3P
STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLA-370 ROHM-SLA-370 Datasheet
197Kb / 3P
High Brightness Type PI 3.1 Circular Type LED Lamps
SLI-560YT ROHM-SLI-560YT Datasheet
252Kb / 3P
High Brightness Type pi=5.0 Circular Type LED Lamps
SLA-580 ROHM-SLA-580 Datasheet
280Kb / 3P
High Brightness Type 5 Circular Type LED Lamps
SLI-343 ROHM-SLI-343 Datasheet
407Kb / 3P
High Brightness Type 3.1 Circular Type LED Lamps
SLI-570 ROHM-SLI-570 Datasheet
333Kb / 3P
High Brightness Type 5.0 Circular Type LED Lamps
SLI-580 ROHM-SLI-580 Datasheet
300Kb / 3P
High Brightness Type 5.0 Circular Type LED Lamps
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
3.1(T-1) Circular Type High Brightness Type
SLI-343URC3FWT ROHM-SLI-343URC3FWT Datasheet
132Kb / 3P
3.1(T-1) Circular Type High Brightness Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com