Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM76 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM76
Description  짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM76 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM76 Datasheet HTML 5Page - National Semiconductor (TI) LM76 Datasheet HTML 6Page - National Semiconductor (TI) LM76 Datasheet HTML 7Page - National Semiconductor (TI) LM76 Datasheet HTML 8Page - National Semiconductor (TI) LM76 Datasheet HTML 9Page - National Semiconductor (TI) LM76 Datasheet HTML 10Page - National Semiconductor (TI) LM76 Datasheet HTML 11Page - National Semiconductor (TI) LM76 Datasheet HTML 12Page - National Semiconductor (TI) LM76 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
1.0 Functional Description (Continued)
and T_CRIT_A outputs. The fault queue is enabled by set-
ting bit 4 of the Configuration Register high (see Section
1.11).
1.8 INTERNAL REGISTER STRUCTURE
There are four data registers in the LM76, selected by the
Pointer register. At power-up the Pointer is set to “00”; the lo-
cation for the Temperature Register. The Pointer register
latches the last location it was set to. In Interrupt Mode, a
read from the LM76 resets the INT output. Placing the device
in Shutdown mode resets the INT and T_CRIT_A outputs. All
registers are read and write, except the Temperature register
which is read only.
A write to the LM76 will always include the address byte and
the Pointer byte. A write to the Configuration register re-
quires one data byte, while the T
LOW,THIGH, and T_CRIT
registers require two data bytes.
Reading the LM76 can take place either of two ways: If the
location latched in the Pointer is correct (most of the time it is
expected that the Pointer will point to the Temperature regis-
ter because it will be the data most frequently read from the
LM76), then the read can simply consist of an address byte,
followed by retrieving the corresponding number of data
bytes. If the Pointer needs to be set, then an address byte,
pointer byte, repeat start, and another address byte plus re-
quired number of data bytes will accomplish a read.
The first data byte is the most significant byte with most sig-
nificant bit first, permitting only as much data as necessary to
be read to determine the temperature condition. For in-
stance, if the first four bits of the temperature data indicates
a critical condition, the host processor could immediately
take action to remedy the excessive temperature. At the end
of a read, the LM76 can accept either Acknowledge or No
Acknowledge from the Master (No Acknowledge is typically
used as a signal for the slave that the Master has read its
last byte).
An inadvertent 8-bit read from a 16-bit register, with the D7
bit low, can cause the LM76 to stop in a state where the SDA
line is held low as shown in
Figure 4. This can prevent any
further bus communication until at least 9 additional clock
cycles have occurred. Alternatively, the master can issue
clock cycles until SDA goes high, at which time issuing a
“Stop” condition will reset the LM76.
DS101015-7
DS101015-8
FIGURE 4. Inadvertent 8-Bit Read from 16-Bit Register where D7 is Zero (“0”)
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com