Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM76 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM76
Description  짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM76 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM76 Datasheet HTML 1Page - National Semiconductor (TI) LM76 Datasheet HTML 2Page - National Semiconductor (TI) LM76 Datasheet HTML 3Page - National Semiconductor (TI) LM76 Datasheet HTML 4Page - National Semiconductor (TI) LM76 Datasheet HTML 5Page - National Semiconductor (TI) LM76 Datasheet HTML 6Page - National Semiconductor (TI) LM76 Datasheet HTML 7Page - National Semiconductor (TI) LM76 Datasheet HTML 8Page - National Semiconductor (TI) LM76 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Simplified Block Diagram
Connection Diagram
Ordering Information
Order Number
Supply Voltage
Acurracy
Temperature
Range for
Accuracy
Transport Media
LM76CHM-5
5.0V
±0.5˚C
±1.0˚C
25˚C
−10˚C to 45˚C
95 units in Rail
LM76CHMX-5
5.0V
±0.5˚C
±1.0˚C
25˚C
−10˚C to 45˚C
2500 Units on Tape and
Reel
LM76CNM-3
3.3V
±1˚C
70˚C to 100˚C
95 units in Rail
LM76CNMX-3
3.3V
±1˚C
70˚C to 100˚C
2500 Units on Tape and
Reel
Pin Description
Label
Pin #
Function
Typical Connection
SDA
1
Serial Bi-Directional Data Line, Open Drain Output,
CMOS Logic Level
Pull Up Resistor, Controller I
2C Data Line
SCL
2
Serial Bus Clock Input, CMOS Logic Level
From Controller I
2C Clock Line
T_CRIT_A
3
Critical Temperature Alarm, Open Drain Output
Pull Up Resistor, Controller Interrupt Line
or System Hardware Shutdown
GND
4
Power Supply Ground
Ground
INT
5
Interrupt, Open Drain Output
Pull Up Resistor, Controller Interrupt Line
+V
S
8
Positive Supply Voltage Input
DC Voltage from 3.3V power supply or
5V.
A0–A1
7,6
User-Set Address Inputs, TTL Logic Level
Ground (Low, “0”) or +V
S (High, “1”)
DS101015-1
SO-8
DS101015-2
LM76 See NS Package Number M08A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com