Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1332 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SSD1332
Description  OLED/PLED Segment/Common Driver with Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1332 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SSD1332 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
SOLOMON
Rev 0.23
08/2003
SSD1332
16
MAXIMUM RATINGS
Table 4 - Maximum Ratings (Voltage Reference to VSS)
Symbol
Parameter
Value
Unit
VDD
-0.3 to +4
V
VCC
0 to 18
V
VREF
Supply Voltage
0 to 18
V
VCOMH
Supply Voltage/Output voltage
0 to 16
V
-
SEG/COM output voltage
0 to 16
V
Vin
Input voltage
Vss-0.3 to Vdd+0.3
V
TA
Operating Temperature
-30 to +85
ºC
Tstg
Storage Temperature Range
-65 to +150
ºC
*Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to
the limits in the Electrical Characteristics tables or Pin Description.
DC CHARACTERISTICS
Table 5 - DC Characteristics (Unless otherwise specified, Voltage Referenced to VSS, VDD = 2.4 to 3.5V,
TA = 25
°C)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Vcc
Operating Voltage
7
11
18
V
VDD
Logic Supply Voltage
2.4
2.7
3.5
V
VOH
High Logic Output Level
Iout =100uA, 3.3MHz
0.9*V
DD
-
VDD
V
VOL
Low Logic Output Level
Iout =100uA, 3.3MHz
0
-
0.1*V
DD
V
VIH
High Logic Input Level
Iout =100uA, 3.3MHz
0.8*V
DD
-
VDD
V
VIL
Low Logic Input Level
Iout =100uA, 3.3MHz
0
-
0.2*V
DD
V
ISLEEP
Sleep mode Current
VDD=2.7V, Display OFF, No panel
attached
-
-
5
uA
ICC
Vcc Supply Current
VDD=2.7V, Display ON
Contrast =FF, No panel attached
-
770
-
uA
IDD
VDD Supply Current
VDD=2.7V, Display ON
Contrast =FF, No panel attached
-
170
-
uA
Contrast = FF
-
160
-
uA
Contrast = AF
110
Contrast = 5F
-
60
-
ISEG
Segment Output Current
Setting
VDD=2.7V, VCC=11V, IREF=10uA,
All one pattern, Display on,
Segment pin under test is connected
with a 20K
Ω resistive load to Vcc.
Contrast = 00
-
0
-
Dev
Segment output current uniformity
Dev = (ISEG – IMID)/IMID
IMID = (IMAX + IMIN)/2
ISEG[0:395] = Segment current at
contrast = FF
-
-
3
%
Adj. Dev
Adjacent pin output current uniformity
(contrast = FF)
Adj Dev = (I[n]-I[n+1]) / (I[n]+I[n+1])
-
±2.0
--
%
RON_C
Common Output On Resistance
VDD - VEE=11.7V, Iout=30mA;
-
23
-
Ω
Vcc
Booster output voltage (Vcc)
Vin=3V, L=22uH; R1=500Kohm;
R2=50Kohm;
Icc = 30mA(soaking)
10
-
12
V
Pwr
Booster output power
Vin=3V, L=22uH;
Vcc = 10 V ~ 16V
-
-
400
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com