Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1332 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSD1332
Description  OLED/PLED Segment/Common Driver with Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1332 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSD1332 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TABLE OF FIGURES
Figure 1 - Block Diagram .............................................................................................................................. 3
Figure 2 - SSD1332U1R1 COF pin assignment ........................................................................................... 5
Figure 3 - Oscillator Circuit............................................................................................................................ 9
Figure 4 - Display data read back procedure - insertion of dummy read.................................................... 10
Figure 5 - 6800-series MPU parallel interface characteristics .................................................................... 18
Figure 6 - 8080-series MPU parallel interface characteristics .................................................................... 19
Figure 7 - Serial interface characteristics.................................................................................................... 20
Figure 8 - Application Example for SSD1332U1R1 .................................................................................... 21
LIST OF TABLES
Table 1 - Ordering Information ...................................................................................................................... 2
Table 2 - SSD1332U1R1 COF pin assignment ............................................................................................ 6
Table 3 - Command table (D/C# =0, R/W#(WR#)=0, E (RD#)=1) .............................................................. 12
Table 4 - Maximum Ratings (Voltage Reference to VSS) ............................................................................ 16
Table 5 - DC Characteristics (Unless otherwise specified, Voltage Referenced to VSS, VDD = 2.4 to 3.5V,
TA = 25
°°°°C)............................................................................................................................................16
Table 6 - AC Characteristics (Unless otherwise specified, Voltage Referenced to VSS, VDD = 2.4 to 3.5V,
TA = 25°C.) ........................................................................................................................................... 17
Table 7 - 6800-Series MPU Parallel Interface Timing Characteristics (VDD - VSS = 2.4 to 3.5V, TA = -30 to
85°C) .................................................................................................................................................... 18
Table 8 - 8080-Series MPU Parallel Interface Timing Characteristics (VDD - VSS = 2.4 to 3.5V, TA = -30 to
85°C) .................................................................................................................................................... 19
Table 9 - Serial Interface Timing Characteristics (VDD - VSS = 2.4 to 3.5V, TA = -30 to 85°C) .................... 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com