Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802C Datasheet(PDF) 22 Page - Active-Semi, Inc

Part # ACT2802C
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802C Datasheet(HTML) 22 Page - Active-Semi, Inc

Back Button ACT2802C Datasheet HTML 17Page - Active-Semi, Inc ACT2802C Datasheet HTML 18Page - Active-Semi, Inc ACT2802C Datasheet HTML 19Page - Active-Semi, Inc ACT2802C Datasheet HTML 20Page - Active-Semi, Inc ACT2802C Datasheet HTML 21Page - Active-Semi, Inc ACT2802C Datasheet HTML 22Page - Active-Semi, Inc ACT2802C Datasheet HTML 23Page - Active-Semi, Inc ACT2802C Datasheet HTML 24Page - Active-Semi, Inc ACT2802C Datasheet HTML 25Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 22 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Schematic as show in Figure 21, Ta = 25°C, unless otherwise specified)
3000
2000
1500
1000
500
0
2500
Output Current (mA)
0
500
1000
1500
2000
2500
2500
2000
1500
1000
500
0
Vbat (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Charge Efficiency
92.0
91.5
91.0
90.5
90.0
89.5
89.0
Vbat (V)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Battery Charge Current VS. Temperature
3000
2000
1500
1000
500
0
2500
Temperature (°C)
-20
0
20
40
60
80
100
120
140
Boost Efficiency
100.0
90.0
80.0
70.0
60.0
50.0
40.0
Output Current (mA)
0
300
600
900
1200
1500
1800
2100
2400
Charge Current
25.0
20.0
15.0
10.0
5.0
0
Temperature (°C)
-20
0
20
40
60
80
120
100
Battery Leakage VS. Temperature
(HZ Mode)
VBAT = 4.1V
VBAT = 3.5V
VIN = 5.0V
VBAT = 3.5V
VIN = 5.0V
ICHRG = 2.1A
VIN = 5.0V
ICHRG = 2.1A
VIN = 5.0V
VBAT = 3.5V
Battery Charge V/I Profile
Charge Current VS. Output Current
VBAT = 3.7V
VBAT = 4.1V
VBAT = 3.2V
Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com