Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802C Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT2802C
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802C Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT2802C Datasheet HTML 6Page - Active-Semi, Inc ACT2802C Datasheet HTML 7Page - Active-Semi, Inc ACT2802C Datasheet HTML 8Page - Active-Semi, Inc ACT2802C Datasheet HTML 9Page - Active-Semi, Inc ACT2802C Datasheet HTML 10Page - Active-Semi, Inc ACT2802C Datasheet HTML 11Page - Active-Semi, Inc ACT2802C Datasheet HTML 12Page - Active-Semi, Inc ACT2802C Datasheet HTML 13Page - Active-Semi, Inc ACT2802C Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
FUNCTIONAL DESCRIPTION
ACT2802/ACT2802B/ACT2802C is a complete
battery
charging
and
discharging
power
management solution for applications of single-cell
lithium-based backup battery pack or power bank.
There is a power path from input to output with
programmable input current limit. When output is
over loaded, the input switch Q1 starts going into
linear mode and thus output voltage starts to drop.
If output voltage drops below 4.25V, the input
switch Q1 turns off and restart in 2 seconds.
With
the
advanced
ACT2802/ACT2802B/
ACT2802C architecture, a synchronous buck/boost
converter is connected from VOUT to switching
node (SW). With the bidirectional architecture, the
converter could be configured as either buck to
charge battery or boost to discharge battery. With
switching charger and discharger, the higher charge
current and higher conversion
efficiency are
achieved.
Modes of Operation
ACT2802/ACT2802B/ACT2802C has 3 operation
modes: charge mode, boost mode and high-
impedance (HZ) mode. In charge mode, the input
current limit Q1 is enabled and Q2 and Q3 operate
as a buck converter to charge battery. In boost
mode, Q2 and Q3 operate as boost converter to
step battery voltage up to +5V at VOUT, and the
current limit switch Q1 is turned off, and the reverse
current from VOUT to VIN is blocked. In HZ mode,
all the switches are turned off and the drainage
current from battery is very low. ACT2802 system
operation flow chart as shown in Figure 1, and
ACT2802B/ACT2802C system operation flow chart
as shown in Figure 2.
Any transitions between boost mode and charge
mode go through HZ mode by turning off all the
switches Q1-Q3 into HZ mode for 2 seconds before
enabling the other mode.
The modes are determined by HZ pin and VIN pin
as shown in the table 1. A valid VIN voltage forces
ACT2802/ACT2802B/ACT2802C into charge mode.
Boost mode is enabled if HZ pin is pulled low and
VIN is invalid or not present. For ACT2802/
ACT2802B/ACT2802C, when HZ=0, if PB is pulled
low more than 30ms, boost converter is enabled.
For ACT2802, during boost on, if PB is pressed
more than 1.5s, boost converter will be off.
Flashlight
ACT2802B/ACT2802C has an flashlight function.
Once PB is pressed for more than 3 seconds, the
flashlight is switched on. The driver will deliver up to
50mA current to the flashlight. During flashlight on,
if PB is pressed for 3 seconds, flashlight will be
switched off.
Figure 1:
ACT2802 System Operation Flow Chart
Table 1: Mode Selection
HZ PIN
0
0
1
1
VIN Valid
0
1
0
1
Mode
Boost
Charge
HZ
Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com