Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM759CP Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM759CP
Description  Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM759CP Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM759CP Datasheet HTML 1Page - National Semiconductor (TI) LM759CP Datasheet HTML 2Page - National Semiconductor (TI) LM759CP Datasheet HTML 3Page - National Semiconductor (TI) LM759CP Datasheet HTML 4Page - National Semiconductor (TI) LM759CP Datasheet HTML 5Page - National Semiconductor (TI) LM759CP Datasheet HTML 6Page - National Semiconductor (TI) LM759CP Datasheet HTML 7Page - National Semiconductor (TI) LM759CP Datasheet HTML 8Page - National Semiconductor (TI) LM759CP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM77000
Electrical Characteristics TJ e 25 C VCC e g15V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIO
Input Offset Voltage
RS s 10 kX
10
80
mV
IIO
Input Offset Current
50
50
nA
IIB
Input Bias Current
50
250
nA
ZI
Input Impedance
025
15
MX
ICC
Supply Current
12
18
mA
VIR
Input Voltage Range
a
13 to Vb
a
13 to Vb
V
IOS
Output Short Circuit Current
lVCC–VOl e 30V
g
200
mA
IO PEAK
Peak Output Current
30V s
lVCC–VOl s 10V
g
250
g
400
mA
AVS
Large Signal Voltage Gain
RL t 50X VO e g10V
25
200
VmV
TR
Transient Response
Rise Time
RL e 50X AV e 10
300
ns
Overshoot
10
%
SR
Slew Rate
RL e 50X AV e 10
05
V ms
BW
Bandwidth
AV e 10
10
MHz
The following specifications apply for 0 s TJ s a125 C
VIO
Input Offset Voltage
RS s 10 kX
10
mV
IIO
Input Offset Current
100
nA
IIB
Input Bias Current
400
nA
CMR
Common Mode Rejection
RS s 10 kX
70
100
dB
PSRR
Power Supply Rejection Ratio
RS s 10 kX
80
100
dB
AVS
Large Signal Voltage Gain
RL t 50X VO e g10V
25
200
VmV
VOP
Output Voltage Swing
RL e 50X
g
10
g
125
V
Note 1
Although the internal power dissipation is limited the junction temperature must be kept below the maximum specified temperature in order to meet data
sheet specifications To calculate the maximum junction temperature or heat sink required use the thermal resistance values which follow the Equivalent Circuit
Schematic
Note 2
For a supply voltage less than 30V between Va and Vb the absolute maximum input voltage is equal to the supply voltage
Note 3
For military electrical specifications RETS759X are available for LM759H
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com