Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM759CP Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM759CP
Description  Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM759CP Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM759CP Datasheet HTML 6Page - National Semiconductor (TI) LM759CP Datasheet HTML 7Page - National Semiconductor (TI) LM759CP Datasheet HTML 8Page - National Semiconductor (TI) LM759CP Datasheet HTML 9Page - National Semiconductor (TI) LM759CP Datasheet HTML 10Page - National Semiconductor (TI) LM759CP Datasheet HTML 11Page - National Semiconductor (TI) LM759CP Datasheet HTML 12Page - National Semiconductor (TI) LM759CP Datasheet HTML 13Page - National Semiconductor (TI) LM759CP Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications (Continued)
High Slew Rate Power Op AmpAudio Amp
TLH10075 – 10
Features
High Slew Rate 9 V ms
High 3 dB Power Bandwidth 85 kHz
18 Watts Output Power into an 8X load
Low Distortion02% 10 Vrms 1 kHz into 8X
Design Consideration
AV t 10
Servo Applications
AG Servo AmplifierBridge Type
TLH10075 – 11
Features
Gain of 10
Use of LM759 Means Simple Inexpensive Circuit
Design Considerations
325 mA Max Output Current
DC Servo Amplifier
TLH10075 – 12
Features
Circuit Simplicity
One Chip Means Excellent Reliability
Design Considerations
IO s 325 mA
Note 1
All resistor values in ohms
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com