Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8200LP5ME Datasheet(PDF) 13 Page - Analog Devices

Part # HMC8200LP5ME
Description  High linearity: supports modulations to 1024 QAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8200LP5ME Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC8200LP5ME Datasheet HTML 9Page - Analog Devices HMC8200LP5ME Datasheet HTML 10Page - Analog Devices HMC8200LP5ME Datasheet HTML 11Page - Analog Devices HMC8200LP5ME Datasheet HTML 12Page - Analog Devices HMC8200LP5ME Datasheet HTML 13Page - Analog Devices HMC8200LP5ME Datasheet HTML 14Page - Analog Devices HMC8200LP5ME Datasheet HTML 15Page - Analog Devices HMC8200LP5ME Datasheet HTML 16Page - Analog Devices HMC8200LP5ME Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
HMC8200LP5ME
Data Sheet
Rev. B | Page 12 of 25
0.30.91.52.12.73.33.94.5
LO FREQUENCY (GHz)
–25
–20
–15
–10
–5
0
+85°C
+25°C
–40°C
Figure 27. LO Return Loss vs. RF Frequency over Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
LO FREQUENCY (GHz)
0
10
20
30
40
50
60
+85°C
+25°C
–40°C
Figure 28. LO to RF Rejection vs. LO Frequency over Temperature,
Measurement Uncalibrated for LO Leakage
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
70
+85°C
+25°C
–40°C
Figure 29. IF to RF Rejection vs. RF Frequency over Temperature, Measured at
the Input of the External Low-Pass Filter After C55, see Figure 64
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
RF FREQUENCY (GHz)
DGA = 0
DGA = 5
DGA = 10
DGA = 15
DGA = 20
DGA = 25
DGA = 30
DGA = 35
–20
–15
–10
–5
0
5
10
15
20
25
30
35
40
Figure 30. Conversion Gain vs. RF Frequency over DGA Word, Measurement
Conducted with VCC_VGA = 3.3 V (Maximum Gain) on RF VGA
–10
–5
0
5
10
15
20
25
30
35
40
+85°C
+25°C
–40°C
0
5
10
15
20
25
30
35
DGA (Word)
Figure 31. Conversion Gain vs. DGA Word over Temperature, Measurement
Conducted with VCC_VGA = 3.3 V (Maximum Gain) on RF VGA, RF = 2 GHz
0
5
10
15
20
25
30
35
DGA (Word)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.8GHz
1.0GHz
2.0GHz
3.0GHz
4.0GHz
Figure 32. Conversion Gain Step vs. DGA Word over RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com