Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8200LP5ME Datasheet(PDF) 21 Page - Analog Devices

Part # HMC8200LP5ME
Description  High linearity: supports modulations to 1024 QAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8200LP5ME Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC8200LP5ME Datasheet HTML 17Page - Analog Devices HMC8200LP5ME Datasheet HTML 18Page - Analog Devices HMC8200LP5ME Datasheet HTML 19Page - Analog Devices HMC8200LP5ME Datasheet HTML 20Page - Analog Devices HMC8200LP5ME Datasheet HTML 21Page - Analog Devices HMC8200LP5ME Datasheet HTML 22Page - Analog Devices HMC8200LP5ME Datasheet HTML 23Page - Analog Devices HMC8200LP5ME Datasheet HTML 24Page - Analog Devices HMC8200LP5ME Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
HMC8200LP5ME
Data Sheet
Rev. B | Page 20 of 25
REGISTER DESCRIPTIONS
REGISTER ARRAY ASSIGNMENTS
In the Access columns (Table 6 through Table 12), R means read, W means write, and R/W means read/write.
Enable Bits
Table 6. Enable Register, (Address 0x01)
Bit No.
Bit Name
Description
Reset
Access
[15:13]
Reserved
Not used
0x6
R/W
12
LOG_IF_EN
Log intermediate frequency (IF) detector enable
0x1
R/W
0 = disable
1 = enable
11
D2SE_EN
Differential to single (after mixer) enable
0x1
R/W
0 = disable
1 = enable
10
Factory diagnostics
0 = Logic 0 for normal operation
0x0
R/W
9
CM_BUFFER_EN
Common-mode buffer enable
0x0
R/W
0 = disable
1 = enable
8
Factory Diagnostics
1 = Logic 1 for normal operation
0x1
R/W
7
LOG_DET_EN
Log detector enable
0x1
R/W
0 = disable
1 = enable
6
MS_EN
Square detector enable
0x1
R/W
0 = disable
1 = enable
5
ENVELOPE_EN
Envelope detector enable
0x1
R/W
0 = enable
1 = disable
4
VGA_EN
Variable gain amplifier (VGA) enable
0x1
R/W
0 = disable
1 = enable
3
IRM_EN
Image reject mixer enable
0x1
R/W
0 = disable
1 = enable
2
IRM_IQ_EN
IQ line enable
0x0
R/W
0 = disable
1 = enable
1
DGA_EN
Digital gain amplifier (DGA) enable
0x1
R/W
0 = disable
1 = enable
0
LPF_EN
Low-pass filter enable
0x0
R/W
0 = disable
1 = enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com