Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271CAC Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS271CAC
Description  CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271CAC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS271CAC Datasheet HTML 4Page - STMicroelectronics TS271CAC Datasheet HTML 5Page - STMicroelectronics TS271CAC Datasheet HTML 6Page - STMicroelectronics TS271CAC Datasheet HTML 7Page - STMicroelectronics TS271CAC Datasheet HTML 8Page - STMicroelectronics TS271CAC Datasheet HTML 9Page - STMicroelectronics TS271CAC Datasheet HTML 10Page - STMicroelectronics TS271CAC Datasheet HTML 11Page - STMicroelectronics TS271CAC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TS271C,I,M
8/15
ELECTRICAL CHARACTERISTICS for ISET = 25µA
VCC+ = +10V, VCC
-= 0V, T
amb = +25°C (unless otherwise specified)
Symbol
Parameter
TS271C/AC/BC
TS271I/AI/BI
TS271M/AM/BM
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input Offset Voltage
VO = 1.4V, Vic = 0V
TS271C/I/M
TS271AC/AI/AM
TS271C/I/M
Tmin ≤ Tamb ≤ Tmax
TS271B/C/I/M
TS271AC/AI/AM
TS271B/C/I/M
1.1
0.9
0.25
10
5
2
12
6.5
3
1.1
0.9
0.25
10
5
2
12
6.5
3.5
mV
DVio
Input Offset Voltage Drift
2
2
µV/°C
Iio
Input Offset Current note 1)
Vic = 5V, VO = 5V
Tmin ≤ Tamb ≤ Tmax
1.
Maximum values including unavoidable inaccuracies of the industrial test.
1
100
1
200
pA
Iib
Input Bias Current - see note 1
Vic = 5V, VO = 5V
Tmin ≤ Tamb ≤ Tmax
1
150
1
300
pA
VOH
High Level Output Voltage
Vid = 100mV, RL = 100kΩ
Tmin ≤ Tamb ≤ Tmax
8.7
8.6
8.9
8.7
8.5
8.9
V
VOL
Low Level Output Voltage
Vid = -100mV
50
50
mV
Avd
Large Signal Voltage Gain
ViC = 5V, RL = 100kΩ, Vo = 1V to 6V
Tmin ≤ Tamb ≤ Tmax
30
20
50
30
10
50
V/mV
GBP
Gain Bandwidth Product
Av = 40dB, RL = 100kΩ, CL = 100pF, fin = 100kHz
0.7
0.7
MHz
CMR
Common Mode Rejection Ratio
ViC = 1V to 7.4V, Vo = 1.4V
60
80
60
80
dB
SVR
Supply Voltage Rejection Ratio
VCC
+ = 5V to 10V, V
o = 1.4V
60
80
60
80
dB
ICC
Supply Current (per amplifier)
Av = 1, no load, Vo = 5V
Tmin ≤ Tamb ≤ Tmax
150
200
250
150
200
300
µA
Io
Output Short Circuit Current
Vo = 0V, Vid = 100mV
60
60
mA
Isink
Output Sink Current
Vo = VCC, Vid = -100mV
45
45
mA
SR
Slew Rate at Unity Gain
RL = 100kΩ, CL = 100pF, Vi = 3 to 7V
0.6
0.6
V/
µs
φm
Phase Margin at Unity Gain
Av = 40dB, RL = 100kΩ CL = 10pF
CL = 100pF
50
30
50
30
Degrees
KOV
Overshoot Factor
Av = 40dB, RL = 100kΩ CL = 10pF
CL = 100pF
30
50
30
50
%
en
Equivalent Input Noise Voltage
f = 1kHz, Rs = 100Ω
38
38
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com