Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS271CAC Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS271CAC
Description  CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271CAC Datasheet(HTML) 2 Page - STMicroelectronics

  TS271CAC Datasheet HTML 1Page - STMicroelectronics TS271CAC Datasheet HTML 2Page - STMicroelectronics TS271CAC Datasheet HTML 3Page - STMicroelectronics TS271CAC Datasheet HTML 4Page - STMicroelectronics TS271CAC Datasheet HTML 5Page - STMicroelectronics TS271CAC Datasheet HTML 6Page - STMicroelectronics TS271CAC Datasheet HTML 7Page - STMicroelectronics TS271CAC Datasheet HTML 8Page - STMicroelectronics TS271CAC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TS271C,I,M
2/15
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
E
E
Input
differential
Second
stage
Output
stage
Output
CC
V
CC
V
Current
source
x I
Symbol
Parameter
TS271C/AC/BC
TS271I/AI/BI
TS271M/AM/BM
Unit
VCC
+
Supply Voltage 1)
18
V
Vid
Differential Input Voltage 2)
±18
V
Vi
Input Voltage 3)
-0.3 to 18
V
Io
Output Current for VCC
+
≥ 15V
±30
mA
Iin
Input Current
±5
mA
Toper
Operating Free-Air Temperature Range
0 to +70
-40 to +125
-55 to +125
°C
Tstg
Storage Temperature Range
-65 to +150
°C
1. All values, except differential voltage are with respect to network ground terminal.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input and the output voltages must never exceed the magnitude of the positive supply voltage.
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage
3 to 16
V
Vicm
Common Mode Input Voltage Range
0 to VCC
+ - 1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com