Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS556C Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS556C
Description  LOW POWER DUAL CMOS TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS556C Datasheet(HTML) 2 Page - STMicroelectronics

  TS556C Datasheet HTML 1Page - STMicroelectronics TS556C Datasheet HTML 2Page - STMicroelectronics TS556C Datasheet HTML 3Page - STMicroelectronics TS556C Datasheet HTML 4Page - STMicroelectronics TS556C Datasheet HTML 5Page - STMicroelectronics TS556C Datasheet HTML 6Page - STMicroelectronics TS556C Datasheet HTML 7Page - STMicroelectronics TS556C Datasheet HTML 8Page - STMicroelectronics TS556C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS556
2/11
BLOCK DIAGRAM
FUNCTION TABLE
LOW
<-----> Level Voltage
≤ Min voltage specificed
HIGH <-----> Level Voltage
≥ Max voltage specificed
x
<-----> Irrelevant
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Output
Discharge
Ground
Trigger
Control
Voltage
Threshold
V
CC
Reset
R
R
R
B
A
R1
R
S
Q
+
-
+
-
4 / 10
5 / 9
14
2 / 12
3 / 11
6 / 8
7
1 / 13
TS556
RESET
TRIGGER
THRESHOLD
OUTPUT
Low
xx
Low
High
Low
x
High
High
High
High
Low
High
High
Low
Previous State
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
+18
V
Tj
Junction Temperature
+150
°C
Tstg
Storage Temperature Range
-65 to +150
°C
PD
Power dissipation1)
DIP14
SO14
1. Tj = 150°C, Tamb = 25
oC with Rthja = 80oC/W for DIP14 package
Rthja = 150
oC/W for SO14 package
1560
830
mW
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
+2 to +16
V
Toper
Operating Free Air Temperature Range
TS556C
TS556I
TS556M
0 to +70
-40 to +125
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com