Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS556C Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS556C
Description  LOW POWER DUAL CMOS TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS556C Datasheet(HTML) 4 Page - STMicroelectronics

  TS556C Datasheet HTML 1Page - STMicroelectronics TS556C Datasheet HTML 2Page - STMicroelectronics TS556C Datasheet HTML 3Page - STMicroelectronics TS556C Datasheet HTML 4Page - STMicroelectronics TS556C Datasheet HTML 5Page - STMicroelectronics TS556C Datasheet HTML 6Page - STMicroelectronics TS556C Datasheet HTML 7Page - STMicroelectronics TS556C Datasheet HTML 8Page - STMicroelectronics TS556C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS556
4/11
STATIC ELECTRICAL CHARACTERISTICS
VCC = +2V, Tamb = +25°C, Reset to VCC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current (no load, High and Low States)
Tmin. ≤ Tamb ≤ Tmax.
130
400
400
µA
VCL
Control Voltage Level
Tmin. ≤ Tamb ≤ Tmax.
1.2
1.1
1.3
1.4
1.5
V
VDIS
Discharge Saturation Voltage (Idis = 1mA)
Tmin. ≤ Tamb ≤ Tmax.
0.05
0.2
0.25
V
IDIS
Discharge Pin Leakage Current
1
100
nA
VOL
Low Level Output Voltage (Isink = 1mA)
Tmin. ≤ Tamb ≤ Tmax.
0.1
0.3
0.35
V
VOH
High Level Output Voltage (Isource = -0.3mA)
Tmin. ≤ Tamb ≤ Tmax.
1.5
1.5
1.9
V
VTRIG
Trigger Voltage
Tmin. ≤ Tamb ≤ Tmax.
0.4
0.3
0.67
0.95
1.05
V
ITRIG
Trigger Current
10
pA
ITH
Threshold Current
10
pA
VRESET
Reset Voltage
Tmin. ≤ Tamb ≤ Tmax.
0.4
0.3
1.1
1.5
2.0
V
IRESET
Reset Current
10
pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com