Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T6613-R12 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # T6613-R12
Description  An affordable gas sensing solution for OEMs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T6613-R12 Datasheet(HTML) 3 Page - Amphenol Corporation

  T6613-R12 Datasheet HTML 1Page - Amphenol Corporation T6613-R12 Datasheet HTML 2Page - Amphenol Corporation T6613-R12 Datasheet HTML 3Page - Amphenol Corporation T6613-R12 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Automatic Background Logic, or ABC Logic, is a
patented self-calibration technique that is designed to
be used in applications where concentrations will drop
to outside ambient conditions (400 ppm) at least three
times in a 14 day period, typically during unoccupied
periods.
*Full accuracy to be achieved utilizing ABC Logic. With
ABC Logic enabled, the sensor will typically reach its
operational accuracy after 25 hours of continuous
operation at a condition that it was exposed to ambient
reference levels of air at 400 ppm ±10 ppm CO2. Sensor
will maintain accuracy specifications with ABC Logic
enabled, given that it is at least four times in 21 days
exposed to the reference value and this reference
value is the lowest concentration to which the sensor
is exposed. ABC Logic requires continuous operation of
the sensor for periods of at least 24 hours. Note: Applies
when used in typical residential ambient air. Consult
Telaire if other gases or corrosive agents are part of the
application environment.
Pin Designations
Connector Pinout
Function
A
TX (UART)
B
RX (UART)
C
V+(5VDC)
1
V+(5VDC)
2
GND
3
GND
4
AV OUT (0 to 4 VDC)
5
I2C SCL
6
No Connect
7
I2C SDA
8
No Connect
9
No Connect
10
TX (UART)
11
RX (UART)
12
GND
Module 6613-F (Flow Through)
The diffusion membrane is replaced with a non-
permeable seal. The two flow ports can be used
for flow through sampling. Flow rate of 50 cc/min
recommended.
Handling and Installation
The T6613 CO2 OEM modules are infrared gas sensors
on a printed circuit board and should be treated
carefully. Precautions should be taken to observe
specified limits and prevent damage from electrostatic
discharge or rough handling. Please refer to ANSI/ESD
S20. 20-1999 for more information on preventing ESD
damage and IPC 610 Rev D for more information on
proper electronic assembly practices.
Calibration
Telaire does not recommend the customer recalibrate
the T6613 module after installation. The sensor ABC
Logic algorithm will begin after 24 hours, adjusting the
sensor measurement resulting in sensor-to-sensor
consistency. If immediate consistency is desired, the
sensors may be single point calibrated using pre-mixed
reference gas or ambient air measured by a reference
sensor.
Available Models
Part Number
Sampling Method
Measurement Range
T6613
Diffusion
0-2,000 ppm
T6613-F
Flow Through
0-2,000 ppm
T6613-C
Diffusion with gas ports
0-2,000 ppm
T6613-R12
Diffusion, 12 second rate
0-2,000 ppm
T6613-5K
Diffusion
0-5,000 ppm
T6613-5KF
Flow through
0-5,000 ppm
T6613-5KC
Diffusion with gas ports
0-5,000 ppm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com