Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T6613-R12 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # T6613-R12
Description  An affordable gas sensing solution for OEMs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T6613-R12 Datasheet(HTML) 2 Page - Amphenol Corporation

  T6613-R12 Datasheet HTML 1Page - Amphenol Corporation T6613-R12 Datasheet HTML 2Page - Amphenol Corporation T6613-R12 Datasheet HTML 3Page - Amphenol Corporation T6613-R12 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Telaire 6613 CO2 Module
Specifications
Method
Non Dispersive Infrared (NDIR), gold plated optics,
diffusion or flow through sampling (with Telaire’s
Patented ABC Logic Self Calibrated Algorithm)
Measurement Range
0 to 2000 ppm**
Dimensions
2.25 in X 1.365 in X 0.60 in
(57.15 mm X 34.67 mm X 15.24 mm)
Accuracy*
•400-1250ppm±30ppmor3%ofreading,
whichever is greater*
•1250-2000ppm±5%ofreading+30ppm*
Temperature Dependence
0.2%FSper°C
Stability
<2%ofFSoverlifeofsensor(15yeartypical)
Pressure Dependence
0.13%ofreadingpermmHg
Calibration Interval
Not required
Response Time
<2minutesfor90%stepchangetypical
Signal Update
Every 4 seconds
Warm Up Time
• <2minutes(operational)
• 10minutes(maximumaccuracy)
Operating Conditions
• 32°Fto122°F(0°Cto50°C)
• 0to95%RH,noncondensing
Storage Conditions
-40°Fto158°F(-40°Cto70°C)
Output
Digital
UART @ 19200 Baud (Please call for detailed product
specifications).
I2Cslaveupto100kHz
Analog
0 to 4 VDC
Power Supply Requirements
5VDCregulated(±5%)
Power Consumption
• 0.90wattspeak
• 0.165wattsaverage
Interface Connections
Designed for 12 pin male header with 0.1 in (2.54 mm)
spacing.Headernotincluded.
Flow Rates (Via Flow Ports)
Flow through version 40 to 50 cc/min
Warranty Terms
12 months
*Tolerance based on span gas of ±2%
** Subjecting sensors to environments less than 400
ppm for more than 15 minutes may affect accuracy
due to ABC Logic algorithm.
0.38in
(9.65 mm)
2.25 in
(57.15 mm)
1.125 in
(28.575mm)
0.15in(3.81mm)
1.75 in
(44.45 mm)
2MountingHolesØ.105(2.667)
0.062 in
(0.1575 mm)
0.54 in
(13.7 mm)
0.60 in
(15.24 mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com