Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8692ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8692ARMZ-R7
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8692ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8692ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8691/AD8692/AD8694
Rev. F | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = 2.7 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = −0.3 V to +1.6 V
0.4
2.0
mV
VCM = −0.1 V to +1.6 V; −40°C < TA < +125°C
3.0
mV
Input Bias Current
IB
0.2
1
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
260
pA
Input Offset Current
IOS
0.1
0.5
pA
−40°C < TA < +85°C
20
pA
−40°C < TA < +125°C
75
pA
Input Voltage Range
−0.3
+1.6
V
Common-Mode Rejection Ratio
CMRR
VCM = −0.3 V to +1.6 V
68
90
dB
VCM = −0.1 V to +1.6 V; −40°C < TA < +125°C
60
85
dB
Large Signal Voltage Gain
AVO
AD8691/AD8692
RL = 2 kΩ, VO = 0.5 V to 2.2 V
90
250
V/mV
AD8694
RL = 2 kΩ, VO = 0.5 V to 2.2 V
60
V/mV
Offset Voltage Drift
∆VOS/∆T
AD8691
2
12
µV/°C
AD8692/AD8694
1.3
6
µV/°C
INPUT CAPACITANCE
Common-Mode Input Capacitance
CCM
5
pF
Differential Input Capacitance
CDM
2.5
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
2.64
2.66
V
−40°C < TA < +125°C
2.6
V
Output Voltage Low
VOL
IL = 1 mA
25
40
mV
−40°C < TA < +125°C
60
mV
Short-Circuit Current
ISC
±20
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
12
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
80
95
dB
−40°C < TA < +125°C
75
95
dB
Supply Current/Amplifier
ISY
VO = 0 V
0.85
0.95
mA
−40°C < TA < +125°C
1.2
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
5
V/µs
Settling Time
tS
To 0.01%
1
µs
Gain Bandwidth Product
GBP
10
MHz
Phase Margin
Øm
60
Degrees
Total Harmonic Distortion + Noise
THD + N
G = 1, RL = 600 Ω, f = 1 kHz, VO = 250 mV p-p
0.003
%
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
1.6
3.0
µV p-p
Voltage Noise Density
en
f = 1 kHz
8
12
nV/√Hz
en
f = 10 kHz
6.5
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com