Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8692ARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8692ARMZ-R7
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8692ARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8692ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8692ARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD8691/AD8692/AD8694
Rev. F | Page 7 of 16
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
AD8691_92 SOURCE
AD8694 SOURCE
AD8694 SINK
AD8691_92 SINK
VS = 5V
Figure 11. Output Voltage to Supply Rail vs. Load Current
0
5
10
15
20
25
30
35
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VS = 5V
AD8691_92 (V OL)
AD8694 (VDD – VOH)
AD8694 (VOL)
AD8691_92 (V DD – VOH)
Figure 12. Output Voltage Swing vs. Temperature (IL = 1 mA)
0
50
100
150
200
250
300
350
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VS = 5V
AD8691_92 (V OL)
AD8694 (VDD – VOH)
AD8694 (VOL)
AD8691_92 (V DD – VOH)
Figure 13. Output Voltage Swing vs. Temperature (IL = 10 mA)
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–40
–20
20
40
60
80
100
0
–90
–45
45
90
0
VS = ±2.5V, ±1.35V
RL = 2kΩ
CL = 15pF
Figure 14. Open-Loop Gain and Phase vs. Frequency
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0
40
60
80
100
120
20
VS = 5V AND 2.7V
Figure 15. CMRR vs. Frequency
FREQUENCY (Hz)
0
40
60
80
100
120
20
10
100
1k
10k
100k
1M
10M
VS = 5V AND 2.7V
Figure 16. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com