Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8643ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8643ACPZ-R2
Description  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8643ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8643ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD8641/AD8642/AD8643
Data Sheet
Rev. F | Page 6 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
VOS (mV)
80
VSY = ±13V
Figure 7. Input Offset Voltage
OFFSET VOLTAGE (
µV/°C)
16
14
12
10
8
6
4
2
0
VSY = ±13V
Figure 8. Offset Voltage Drift
0
10
20
30
40
50
60
70
VOS (mV)
VSY = ±2.5V
Figure 9. Input Offset Voltage
TCVOS (µV/°C)
0
2
4
6
8
10
12
14
16
18
20
VSY = 5V
VCM = 1.5V
Figure 10. Offset Voltage Drift
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–15 –13 –11
–9
–7
–5
–3
–1
1
3
5
7
9
11
13
15
VCM (V)
VSY = ±13V
TA = 25°C
Figure 11. Input Bias Current vs. VCM
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–15.0 –12.5 –10.0 –7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
VCM (V)
VSY = ±13V
TA = 25°C
0.5
–0.5
Figure 12. Input Bias Current vs. VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com