Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8643ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8643ACPZ-R2
Description  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8643ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8643ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AD8641/AD8642/AD8643
Data Sheet
Rev. F | Page 14 of 15
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AB
14
8
7
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
8.75 (0.3445)
8.55 (0.3366)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 47. 14-Lead Standard Small Outline Package [SOIC_N]
(R-14)
Dimensions shown in millimeters and (inches)
3.10
3.00 SQ
2.90
0.30
0.25
0.20
1.65
1.50 SQ
1.45
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT TO JEDEC STANDARDS MO-220-WEED-6.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 48. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-27)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8641AKSZ-R2
−40°C to +125°C
5-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-5
A07
AD8641AKSZ-REEL7
−40°C to +125°C
5-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-5
A07
AD8641ARZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8641ARZ-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8642ARMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A0A
AD8642ARMZ-REEL
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A0A
AD8642ARZ
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8642ARZ-REEL7
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8642ARZ-REEL
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8643ARZ
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
AD8643ARZ-REEL7
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
AD8643ACPZ-R2
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-27
AUA
AD8643ACPZ-REEL7
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-27
AUA
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com