Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCB1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VCB1
Description  3.0 or 5.0 Vdc Option Low Cost 1 to 160 MHz Enable Disable Option TTL/CMOS Compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VCB1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VCB1 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCB1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VCB1 Half Size DIP
Featuring
3.0 or 5.0 Vdc Option
Low Cost
1 to 160 MHz
Enable Disable Option
TTL/CMOS Compatible
Frequency Range
32.768 KHz to 160 MHz
80 to 160 MHz uses a low jitter internal (<50 ps) multiplier IC which
will also affect phase noise performance.
Standard
Frequencies
See Standard Frequency Table
Package Options
B1 = 0.5" x 0.5" x 0.2" Half Size DIP
Voltage Options/
Load Drive
A = +5.0 Vdc
B = +3.3 Vdc
C = +3.0 Vdc
E = +5.0 Vdc
F = +3.3 Vdc
±10%
±10%
±5%
±10%
±5%
15pF
15pF
15pF
50pF
50pF
Electrical Options
0 = No Tristate
1 = Tristate
2 = No Tristate
3 = Tristate
5 = Enable Option
6 = Enable Option
60/40 Symmetry
60/40 Symmetry
55/45 Symmetry
55/45 Symmetry
60/40 Symmetry
55/45 Symmetry
Enable/Disable
Logic 1 = Enable
Logic 0 = Disable
Stability Options
A = ±100 PPM
B = ±50 PPM
C = ±100 PPM
D = ±50 PPM
E = ±25 PPM
F = ±25 PPM
0°C to +70°C
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
-40°C to +85°C
Start-Up
10 ms Maximum
Aging
<5.0 PPM/year at +40°C dynamic
Load
HCMOS/TTL
Current
50 mA Maximum
Standard
Packaging
Anti Static Tubes
G = ±20 PPM
0°C to +70°C


Similar Part No. - VCB1

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
VCB1-24 GREEGOO-VCB1-24 Datasheet
1Mb / 16P
Indoor Vacuum Circuit Breaker
logo
Vectron International, ...
VCB1-A0A-25M00 VECTRON-VCB1-A0A-25M00 Datasheet
538Kb / 6P
3.3, 5.0 volt CMOS Oscillator
VCB1-A0B-25M00 VECTRON-VCB1-A0B-25M00 Datasheet
538Kb / 6P
3.3, 5.0 volt CMOS Oscillator
VCB1-A0C-25M00 VECTRON-VCB1-A0C-25M00 Datasheet
538Kb / 6P
3.3, 5.0 volt CMOS Oscillator
VCB1-A0D-25M00 VECTRON-VCB1-A0D-25M00 Datasheet
538Kb / 6P
3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA-A1370 ETC-HA-A1370 Datasheet
389Kb / 2P
CMOS Compatible Enable/Disable
logo
Nel Frequency Controls,...
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
CMOS Compatible Enable/Disable
HA-1210 NEL-HA-1210 Datasheet
298Kb / 2P
TTL Compatible Enable/Disable
HA-1380 NEL-HA-1380 Datasheet
288Kb / 2P
CMOS Compatible Enable/Disable
HS-A1370 NEL-HS-A1370 Datasheet
257Kb / 2P
CMOS Compatible Enable/Disable
HA-1210 NEL-HA-1210_12 Datasheet
61Kb / 2P
TTL Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
CMOS Compatible Enable/Disable
HA-A1370 NEL-HA-A1370_10 Datasheet
60Kb / 2P
CMOS Compatible Enable/Disable
HS-1200 NEL-HS-1200_10 Datasheet
58Kb / 2P
TTL Compatible Enable/Disable
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
CMOS Compatible Enable/Disable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com