Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCB1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VCB1
Description  3.0 or 5.0 Vdc Option Low Cost 1 to 160 MHz Enable Disable Option TTL/CMOS Compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VCB1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VCB1 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCB1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical P/N
VCB1-A0A-125M000
B1 = 0.5 x 0.5 x 0.2 Half Size DIP
A = +5.0 Vdc
0 = No tristate 60/40 symmetry
A = ±100 PPM 0°C to +70°C
Generate your own part number!
We welcome your custom requests and will issue a custom part
number for items that are not listed.
mm
in



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com