Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMP1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VMP1
Description  HIGHPERFORMANCE CPUs SINGLE-BOARD COMPUTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VMP1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VMP1 Datasheet HTML 1Page - List of Unclassifed Manufacturers VMP1 Datasheet HTML 2Page - List of Unclassifed Manufacturers VMP1 Datasheet HTML 3Page - List of Unclassifed Manufacturers VMP1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Integrated PowerPC microprocessor
Motorola MPC8240
L1 cache 2 x 16 kB data/instruction cache;
Internal processor core MPC603e
Core Frequency 200 MHz or 250 MHz
6.6 SPECint95
5.5 SPECfp95
375 Dhrystone (2.1) MIPS
PCI bridge and PCI arbiter
Two channel controller DMA with chaining
Programmable IRQ controller
Multiple timers and counters
Up to 128 MB direct soldered SDRAM/64 bit/100 MHz
with ECC protection (8 bit parity)
Up to 8MB direct soldered Flash (Boot Device and
Program Storage)
DIL Socket for:
NV-SRAM (up to 512 kB)/Cell Storage Life 10 years
Flash DiskOnChip (up to 144 MB)
Fast Ethernet Channel 10 Base-T/100 Base-TX; RJ-45;
LAN Status LED’s (Activity, Link, Speed)
integrated IEEE 802.3 10 BASE-T and 100 BASE-TX
compatible PHY
integrated power management functions
dynamic transmit chaining with multiple priorities
transmit queues
full duplex support at both 10 and 100 Mbps
operation
IEEE 802.3u Auto-Negotiation support
3 Kbyte Transmit FIFO and 3 Kbyte Receive FIFO
back-to-back transmission support with minimum
inter frame spacing
IEEE 802.3 x 100 BASE-TX Flow Control support
TCP/UDP checksum off-load capabilities
Two RS232 ports, 16550 compatible Dual UART; RJ-45
Two push buttons RESET,ABORT (NMI) Board Status
LED’s (watchdog active, general purpose)
A Universal Boot Loader supports the start of any
operating system like WindRiver’s VxWorks
®.
Processor
VME Interface
Miscellaneous Functions
Software Support
Common
Front I/O
PCI Expansion Interface
Memory
Specifications
VMP1
32 bit/33 MHz; 5 V Signaling;
Up to two expansion modules are stackable.
8 HP/12 HP version with one/two PMC slots or
two/four PC*MIP slots.This port can also be used to add
customized functionality.
ANSI/VITA 1-1994 VME64 interface on P1 (IEEE STD
1014); Universe 2
DTB Master/Slave A16-A24; D08-D16
9 user programmable slave images on VME and PCI bus
4 mailboxes and location monitors for message
oriented systems
7 IRQ lines with flexible mapping
Timers:
Four 32-bit timers, one 16-bit
timer, one watchdog timer
RTC:
backup via GoldCap (5 days) or
optional via replaceable battery
(10 years)
Debug Port:
JTAG/BDM; 16 Pin row connector
Temp. Ranges:
0 °C to + 70 °C (standard)
–40 °C to + 85 °C extended)
–55 °C to + 125 °C (storage)
Oper. Humidity:
0% to 95% (noncond.)
MTBF according to MIL-HDBK 217F
VMP1
164,300h
VMP1-IO1
251,000h
Power Consumption:
+ 5V
6,8W*/typ.
+ 12V
0W*
–12V
0W*
*Without PCI Expansion Module and at 266 MHz, 64 MB
SDRAM, 8MB Flash
Dimensions:
100 mm x 160 mm (3U card size)
Front Panel Height:: 128.5 mm ;
Width:
20 mm (0.8 inch)/4 HP
Weight::
180 g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com