Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMP1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VMP1
Description  HIGHPERFORMANCE CPUs SINGLE-BOARD COMPUTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VMP1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VMP1 Datasheet HTML 1Page - List of Unclassifed Manufacturers VMP1 Datasheet HTML 2Page - List of Unclassifed Manufacturers VMP1 Datasheet HTML 3Page - List of Unclassifed Manufacturers VMP1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
PEP Modular Computers GmbH
Sudetenstr. 7
D-87600 KAUFBEUREN
Tel.: ++49 (0) 8341 803 0
Fax: ++49 (0) 8341 803 499
VMP1
USA
GERMANY
FRANCE
UK
SWEDEN
BENELUX
POLAND
ITALY
SPAIN
NORWAY
DENMARK
FINLAND
SWITZERLAND
CZECHIEN
HUNGARY
CIS
CHINA
JAPAN
KOREA
Poland
PEP Modular Computers Sp. zo.o
Al. Jerozolimskie 144
Pok 714 Vp
02-305 WARSZAWA
Tel.: ++48 (0) 2 28 23 55 73
Fax: ++48 (0) 2 28 23 55 73
Sweden
PEP Modular Computers AB
Hornackersvägen 8
S-18314 TÄBY
Tel.: ++46 (0) 8 446 34 60
Fax: ++46 (0) 8 732 63 10
USA
PEP Modular Computers Inc.
750 Holiday Drive, Building 9
Pittsburgh, PA 15220
Tel.: ++1 412 921 3322
Fax: ++1 412 921 3356
Toll free: 800/228-1737
Great Britain
PEP Modular Computers (UK) Ltd.
Riverside Business Centre
SHOREHAM-BY-SEA
BN43 6RE
Tel.: ++44 (0) 1273 44 11 88
Fax: ++44 (0) 1273 44 11 99
Korea
PEP DASAN Systems Co., Ltd.
6F KOSMO Tower
1002 Daechi-dong, Kangnam-ku
Seoul, Korea (Zip135-280)
Tel.: ++82 2 34 84 - 65 50
Fax: ++82 2 34 84 - 65 51
Benelux
PEP Modular Computers Benelux
Koning-Albert-Laan 46
B-1780 WEMMEL
Tel.: ++32 (0)2 456 06 40
Fax: ++32 (0)2 461 00 31
Postbus 9712
NL-4801 LV BREDA
Tel.: ++31 (0)76 5217 957
Fax: ++31 (0)76 5217 959
France
EURO PEP Paris
Les Bureaux du Manoir
18 Chemin du Fond du Chêne
F-78 620 L’ETANG LA VILLE
Tel.: ++33 (0) 1 39 16 10 30
Fax: ++33 (0) 1 39 16 10 25
Visit our home page at: http://www.pep.com
Product
Description
Order No.
Note:
1)
SDRAM capacity of 96 MB or 128 MB and Flash capacity higher than 8 MB on request
2)
PC*MIP or custom I/O modules on request
3)
FLASH-Disks up to 144 MByte are also available on request
4)
Smaller NVSRAM capacity on request
5)
Further Operating System support on request
VMP11)
266 MHz MPC8240, 64 MB SDRAM with ECC, 8 MB Flash
20522
VMP11)
200 MHz MPC8240, 32 MB SDRAM without ECC, 4 MB Flash
20616
VMP1-IO12)
PCI expansion I/O; one PMC slot
20523
FLD-163)
16 MByte FLASH-Disk
19643
FLD-243)
24 MByte FLASH-Disk
19194
FLD-323)
32 MByte FLASH-Disk
19644
NVSRAM-
512 kByte non volatile SRAM; 32 pin DIP
20656
5124)
Cable-RS232
3 meter RS232 Serial Interface cable with RJ45 to 25 Pin D-Sub (male) for terminal connection
15191
VxW-BSP-
VxWorks Board Support Package for development for use with Tornado on 3.5" floppy
VMP15)
disk and the boot image integrated into onboard Flash
20657
KIT-VMP1
User’s manual documentation in PDF format on 3.5" floppy disk
20615
MAN-VMP1
Printed user’s manual for the VMP1
19973



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com