Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLD8800-C-R Datasheet(PDF) 4 Page - Amphenol Corporation

Part # BLD8800-C-R
Description  Intuitive user interface with color screen
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

BLD8800-C-R Datasheet(HTML) 4 Page - Amphenol Corporation

  BLD8800-C-R Datasheet HTML 1Page - Amphenol Corporation BLD8800-C-R Datasheet HTML 2Page - Amphenol Corporation BLD8800-C-R Datasheet HTML 3Page - Amphenol Corporation BLD8800-C-R Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MMS2 Specifications
Gross Weight
10 oz (283 gms)
Dimensions (LxWxH)
7.5 in x 3.7 in x 2.2 in (190.5 mm x 94 mm x 56 mm)
Maximum Needle Depth
0.4 in (10 mm)
Display
Color LCD
Batteries (Included)
9 V
Warranty
24 months on mechanical or manufacturing defects.
Does not include wearing part or accessories
Moisture Measurement Range
Pin (% WME) 8% to 99, readings over 30% are
relative
Non-invasive (RF) up to 3/4 in (19 mm) deep
60 to 1000 (relative)
Plug in Temperature Probe Surface
Temperature Probe - BLD5805
Range 32°F to 158°F (0°C to 70°C)
Accuracy at 77°F (25°C) +/- 1.3°F (0.7°C)
Infrared Surface Temperature Range
IR Based – With 12:1 (D:S) Ratio
Range -4°F to 176°F (-20°C to 80°C)
Accuracy ±3.6°F (±2°C)
Hygrostick Data (Nominal)
30% to 40% RH (±3% RH) at 68ºF (20ºC).
41% to 98% RH (±2%) at 68ºF (20ºC).
Range 32°F to 122°F (0°C to 50°C) ±0.6°F (±0.3°C)
Quikstick and Quikstick ST Data (Nominal)
0% to 10% RH, ±3% RH at 68°F (20°C),
10% to 90% RH, ±2% RH at 68°F (20°C),
90% to 100% RH, ±3% RH at 68°F (20°C),
Range 32°F to 122°F (0°C to 50°C) ±0.6°F (±0.3°C)
Nominal response 30% to 90% and back to 30%
RH in 45 seconds @ 68°F (20°C)
Data Storage
Store up to 8,000 results with date and time stamp
from all instrument functions with the push of a
button. Store 6100 results with automatic logging.
Protimeter
MMS2 Description
Part Number
Basic; instrument in pouch
BLD8800
y
y
y
n
n
n
n
n
n
n
y
y
n
y
n
Basic survey; instrument
& primary accessories in
pouch
BLD8800-S
y
y
y
y
y
n
n
y
n
n
y
y
y
y
n
Standard Kit; instrument in
Hard Case
BLD8800-C
y
y
y
n
n
n
n
n
n
n
y
y
y
n
y
Survey kit; instrument &
primary accessories in
hard case
BLD8800-C-S
y
y
y
y
y
n
n
y
n
y
y
y
y
n
y
Restoration kit; instrument,
accessories and Hammer
electrode in hard case
BLD8800-C-R
y
y
y
n
n
y
y
y
n
n
y
y
y
n
y
Options
MMS2 Hard Carry Case Kit
AAS-920-578C 09/2015
www.amphenol-sensors.com
© 2015 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com