Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLD8800-C-R Datasheet(PDF) 2 Page - Amphenol Corporation

Part # BLD8800-C-R
Description  Intuitive user interface with color screen
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

BLD8800-C-R Datasheet(HTML) 2 Page - Amphenol Corporation

  BLD8800-C-R Datasheet HTML 1Page - Amphenol Corporation BLD8800-C-R Datasheet HTML 2Page - Amphenol Corporation BLD8800-C-R Datasheet HTML 3Page - Amphenol Corporation BLD8800-C-R Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Four-In-One Moisture
Measurement System
Measures moisture in wood and wood floors, drywall,
concrete and concrete block, stucco, plaster, masonry
and other building materials.
Measure (pin mode) diagnoses the extent of moisture
intrusion for damage assessment and monitor drying
out of building structures.
•
Use built-in pin or plug in the heavy duty moisture
probe for measuring in hard-to-reach areas
•
Use deep wall pin-type probes to measure moisture
in walls, wall cavity insulation, sub and surface
structures
•
Use accessories such as hammer probes to
measure at depth
Search (non-invasive mode) behind ceramic tile, fine
finishes, water stains, tile and vinyl floor coverings,
wood, drywall, plaster, masonry, concrete and concrete
block.
•
Non-invasive pinless radio frequency finds moisture
up to 3/4 in (19 mm) below surface
•
Search mode not adversely affected by surface
moisture
Hygrometry measures or monitors buildings for
adequate ventilation affecting indoor air quality and
moisture problems.
•
Measures relative humidity and temperature, dew
point and surface temperature, surface proximity to
dew point (condensation) and grains per pound, as
well as multiple psychrometric calculations
•
Allows measurement of equipment such as
dehumidifiers
•
Measures equilibrium relative humidity in concrete
floors using the in situ probe method
•
Use to detect conditions for mold and fungus
growth, that can lead to unhealthy living conditions
Surface Temperature (IR) checks surface
temperature, utilizing laser pointer, calculates proximity
to dew point.
Measure
Search
Hygrometry
Infrared



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com