Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF480-2 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF480-2
Description  IF Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF480-2 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF480-2 Datasheet HTML 1Page - Advanced Crystal Technology ACTF480-2 Datasheet HTML 2Page - Advanced Crystal Technology ACTF480-2 Datasheet HTML 3Page - Advanced Crystal Technology ACTF480-2 Datasheet HTML 4Page - Advanced Crystal Technology ACTF480-2 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Characteristics of Channel2
Characteristic
Min.
Typ.
Max.
Units
Center Frequency
fc
478.50
479.50
480.50
MHz
Insertion attenuation
479.50 MHz
α
(Reference level for the following data)
--
21.0
22.5
dB
Pass bandwidth
αrel≤3dB
B3dB
--
18.0
--
MHz
Relative attenuation
αrel
470.50 MHz
488.50 MHz
Lower sidelobe
430.00 ….457.50 MHz
Upper sidelobe
500.50 … 530.00 MHz
--
--
32.0
30.0
3.5
2.3
38.0
36.0
4.5
4.5
--
--
dB
dB
dB
dB
Reflected wave signal suppression
0.13
μs … 3.0μs after main pulse
40.0
44.0
--
dB
Amplitude ripple (p-p)
476.00 … 483.00 MHz
Δ α
--
0.6
1.2
dB
Group delay ripple (p-p)
470.50 … 488.50 MHz
Δ
τ
--
11
18
ns
Temperature coefficient of frequency
TCf
--
-86
--
ppm/K
Issue : 1.1 C1
Date : March 2010



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com