Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF480-2 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF480-2
Description  IF Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF480-2 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF480-2 Datasheet HTML 1Page - Advanced Crystal Technology ACTF480-2 Datasheet HTML 2Page - Advanced Crystal Technology ACTF480-2 Datasheet HTML 3Page - Advanced Crystal Technology ACTF480-2 Datasheet HTML 4Page - Advanced Crystal Technology ACTF480-2 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
The ACTF480-2/479.5/TO39 is a two channel IF filter for DSB receivers with
constant group delay.
1.Package Dimension (TO-39)
2.
3.Equivalent LC Model
4.Performance
4-1.Maximum Ratings
Rating
Value
Units
AC Voltage Between Any Two Pins
VPP
5
V
DC Voltage Between Any Two Pins
VDC
0
V
Storage temperature range
Tstg
-40 to +85
°C
Operable temperature range
TA
-25 to +85
°C
Pin
Configuration
1
Input / Output
2
Output 2 / Input2
3
Output 1 / Input1
4
Ground
Dimensions
Data (Unit: mm)
A
9.35±0.10
B
5.08±0.10
C
3.40±0.10
D
3.00±0.20
E
4-
Φ0.45±0.20
Issue : 1.1 C1
Date : March 2010


Similar Part No. - ACTF480-2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF480-2 ACT-ACTF480-2 Datasheet
111Kb / 5P
two channel IF filter for DSB receivers with constant group delay
SEPT 04
More results

Similar Description - ACTF480-2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
SBF0408DPL FUJITSU-SBF0408DPL Datasheet
75Kb / 4P
IF Filter
logo
List of Unclassifed Man...
TSB2122C ETC-TSB2122C Datasheet
275Kb / 1P
IF Filter
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
IF SAW Filter
logo
Advanced Crystal Techno...
ACTF4014 ACT-ACTF4014_10 Datasheet
156Kb / 3P
IF filter
March 2010
ACTF4010 ACT-ACTF4010_10 Datasheet
124Kb / 3P
IF filter
March 2010
ACTF4016 ACT-ACTF4016_10 Datasheet
162Kb / 4P
IF filter
March 2010
ACTF4811 ACT-ACTF4811 Datasheet
222Kb / 2P
IF filter
17-04-2007
ACTF480-1 ACT-ACTF480-1_10 Datasheet
126Kb / 3P
IF Filter
March 2010
ACTF4818 ACT-ACTF4818_10 Datasheet
197Kb / 5P
IF filter
March 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com