Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CECC22210 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # CECC22210
Description  RPC-N 50W Plug ??7/16 50W Jack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

CECC22210 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  CECC22210 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG CECC22210 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
Adaptor
RPC-N 50
Ω Plug – 7/16 50Ω Jack
05S160-K50D3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Ω
Frequency
DC to 8 GHz
Return loss
≥ 36 dB, DC to 4 GHz
≥ 33 dB, 4 GHz to 8 GHz
Center contact resistance
≤ 4.0 mΩ, 7/16 side
≤ 1.0 mΩ, RPC-N side
Outer contact resistance
≤ 1.5 mΩ, 7/16 side
≤ 1.0 mΩ, RPC-N side
Mechanical data
7/16 side
RPC-N side
Mating cycles
min. 500
min. 500
Center contact captivation
≥ 200 N
≥ 28 N
Coupling test torque
max. 35 Nm
max. 1.70 Nm
Recommended torque
25 to 30 Nm
0.70 to 1.10 Nm
Coupling nut retention
N/A
≥ 450 N
Environmental data
Temperature range
-40°C to +85°C
2002/95/EC (RoHS)
compliant
Tooling
N/A
Suitable cables
N/A
Packing
Standard
1 pce in bag
Weight
106 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Kerstin Herzog
15/11/05
Andreas Burkert
16/01/12
e00
12-0033
Marion Striegler
16/01/12
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com