Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CECC22210 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # CECC22210
Description  RPC-N 50W Plug ??7/16 50W Jack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

CECC22210 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  CECC22210 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG CECC22210 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
Adaptor
RPC-N 50
Ω Plug – 7/16 50Ω Jack
05S160-K50D3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to – 7/16 side
IEC 60169-4, VG 95250, EN 122190, DIN 47223
According to – RPC-N side
IEC 60169-16 ; CECC 22 210 ; MIL-STD 348 A/402
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact – 7/16 side
Beryllium copper Gold, min. 1.27 µm, over nickel
Center contact– RPC-N side
Brass
Gold, min. 1.27 µm, over nickel
Outer contact – 7/16 side
Brass
Gold, min. 1.27 µm, over nickel
Outer contact – RPC-N side
Stainless steel
Passivated
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Coupling nut
Stainless steel
Passivated
Dielectric
PPE


Similar Part No. - CECC22210

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
CECC22210 ROSENBERGER-CECC22210 Datasheet
77Kb / 2P
RPC-N 50W Jack ??7/16 50W Plug
CECC22210 ROSENBERGER-CECC22210 Datasheet
79Kb / 2P
RPC-N 50W Plug ??7/16 50W Plug
More results

Similar Description - CECC22210

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
C16B50Z1A ANAREN-C16B50Z1A Datasheet
263Kb / 2P
Surface Mount Termination 16 Watts, 50W
C16N50Z4A ANAREN-C16N50Z4A Datasheet
160Kb / 2P
Surface Mount Termination 16 Watts, 50W
C16N50Z4B ANAREN-C16N50Z4B Datasheet
307Kb / 2P
Surface Mount Termination 16 Watts, 50W
logo
Volgen Kaga Electronics...
STD-0905P VOLGEN-STD-0905P Datasheet
125Kb / 2P
ADAPTER - 50W
logo
Sanyo Semicon Device
STK433-060N-E SANYO-STK433-060N-E Datasheet
279Kb / 11P
2channel class-AB Audio Power IC 50W50W
logo
Rosenberger Hochfrequen...
05K160-K50D3 ROSENBERGER-05K160-K50D3 Datasheet
79Kb / 2P
RPC-N 50W Jack ??7/16 50W Jack
05K160-S50D3 ROSENBERGER-05K160-S50D3 Datasheet
77Kb / 2P
RPC-N 50W Jack ??7/16 50W Plug
05S160-S50D3 ROSENBERGER-05S160-S50D3 Datasheet
79Kb / 2P
RPC-N 50W Plug ??7/16 50W Plug
60S231-K00N1 ROSENBERGER-60S231-K00N1 Datasheet
68Kb / 2P
7/16 plug - jack
logo
Shenzhenshi YONGFUKANG ...
CS8626E YONGFUKANG-CS8626E Datasheet
4Mb / 14P
50W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com