Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31014 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSC31014 Datasheet HTML 1Page - Integrated Device Technology ZSC31014 Datasheet HTML 2Page - Integrated Device Technology ZSC31014 Datasheet HTML 3Page - Integrated Device Technology ZSC31014 Datasheet HTML 4Page - Integrated Device Technology ZSC31014 Datasheet HTML 5Page - Integrated Device Technology ZSC31014 Datasheet HTML 6Page - Integrated Device Technology ZSC31014 Datasheet HTML 7Page - Integrated Device Technology ZSC31014 Datasheet HTML 8Page - Integrated Device Technology ZSC31014 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
RBicilite™ Digital Output Sensor
Signal Conditioner
ZSC31014
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 20, 2016
INMUX
PreAmp
VDD
(2.7V - 5.5V)
VSS
EEPROM w/
Charge Pump
& Checksum
DSP
Core
POR/Oscillator
A
D
14-Bit ADC
I
2C™ or SPI
Interface
Temperature
Reference
VBP
RBiciLite™
ZSC31014
Bsupply
Optional
Bsink
0.1µF
INT/SS
SDA/MISO
SCL/SCLK
Sensor
Diagnostics
VBN
Vsupply 5V
GND
0.1µF
O
U
VBP
VBN
VSS
VDD
SDA/MISO
SCL/SCLK
INT/SS
BSINK
ZSC31014
e.g. HIH4000
ZSC31014 Block Diagram
Application: Half-Bridge Voltage Measurement
Application: Generic Differential A2D Converter
Ordering Examples (Refer to section 10 in the data sheet for additional options.)
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.
Sales Code
Description
Package
ZSC31014EAB
ZSC31014 Die — Temperature range: -40°C to +125°C
Unsawn on Wafer
ZSC31014EAC
ZSC31014 Die — Temperature range: -40°C to +125°C
Sawn on Wafer Frame
ZSC31014EAG1
ZSC31014 SOP8 (150 mil) — Temperature range: -40° to +125°C
Tube: add “-T” to sales code / Reel: add “-R”
ZSC31014KIT
ZSC31014 SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement Board, USB Cable, 5 IC Samples
(software can downloaded on www.IDT.com/ZSC31014)
Applications:
Industrial: building automation, data
loggers, pressure meters, leak
detection monitoring
Medical: infusion pumps, blood
pressure meters, air mattresses,
apnea monitors
White Goods / Appliances: fluid
level, refrigerant
Consumer: body monitors, portable
monitors, desktop weather stations,
bathroom scales, toys/games
Differential
Signal from
Any Source
V Supply
GND
0 .1 µF
VSS
BSINK
VBP
VBN
VDD
INT/SS
SDA/MISO
SCL/SCLK
ZSC31014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com