Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31014 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button ZSC31014 Datasheet HTML 35Page - Integrated Device Technology ZSC31014 Datasheet HTML 36Page - Integrated Device Technology ZSC31014 Datasheet HTML 37Page - Integrated Device Technology ZSC31014 Datasheet HTML 38Page - Integrated Device Technology ZSC31014 Datasheet HTML 39Page - Integrated Device Technology ZSC31014 Datasheet HTML 40Page - Integrated Device Technology ZSC31014 Datasheet HTML 41Page - Integrated Device Technology ZSC31014 Datasheet HTML 42Page - Integrated Device Technology ZSC31014 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
39
January 20, 2016
EEPROM
Word
Bit
Range
IC Default
Description
Note
01HEX
ZMDI_Config_1
Bits in the ZMDI_Config_1 EEPROM word control the
following settings. Important: IC must be power-cycled
after changes to this word.
2:0
001 BIN
IDT Reserved
Must preserve factory settings.
3
1BIN
ClkSpeed
Digital Core Clock Frequency
0 = 4MHz
1 = 1MHz
4
0BIN
Comm_Type
Serial Communication Type
0 = I
2C™
1 = SPI
5
0BIN
Sleep_Mode
Normal Operation Mode
0 = Update Mode
1 = Sleep Mode
7:6
01BIN
Update_Rate
The following time values are typical; for worst case
values, multiply by 1.15 (nominal frequency ±15%).
1MHz Clock
4MHz Clock
00 = 1.6ms
00 = 0.5ms
01 = 5.0ms
01 = 1.5ms
10 = 25.0ms
10 = 6.5ms
11 = 125.0ms
11 = 32.0ms
8
0BIN
IDT Reserved
Must preserve factory settings.
9
0BIN
SOT_curve
Type of second-order curve correction on bridge. If set
to 0, the bridge SOT will correct for a parabolic curve. If
set to 1, the bridge SOT will correct for an S-shaped
curve.
11:10
00BIN
TC_Sign
TC_Sign[0] = 1, Tco is a negative number.
TC_Sign[1] = 1, Tcg is a negative number.
15:12
s000BIN
SOT_Sign
SOT_Sign[0] =1, SOT_bridge is negative.
SOT_Sign[1] =1, SOT_tco is negative.
SOT_Sign[2] =1, SOT_tcg is negative.
SOT_Sign[3] =1, SOT_T is negative.
‡‡
‡‡
For this register, s = IDT factory calibration data required for on-chip temperature-sensor data accuracy of
≤ ±2.5K; if the user is re-
calibrating over temperature, including the on-chip temperature sensor, set bit 15 in 01HEX (SOT_Sign[3]) to the default value 0BIN (default
data: register 01HEX = 0049HEX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com