Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2202AC9R Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZOPT2202AC9R
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202AC9R Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZOPT2202AC9R Datasheet HTML 17Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 18Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 19Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 20Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 21Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 22Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 23Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 24Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
21
September 21, 2016
Figure 3.5 I²C Register Read
0
S
Slave Addr
7 Bit
1
A
Address
8 Bit
N P
Register Read (I²C Read)
Write
From master to slave
From slave to master
S
START condition
P
STOP condition
A
N
Acknowledge (ACK)
Not acknowledge (NACK)
Data
8 Bit
A
Read
S
Slave Addr
7 Bit
A
0
S
Slave Addr
7 Bit
1
A
Address
8 Bit
N P
Write
Data
8 Bit
A
Read
S
Slave Addr
7 Bit
A
A
Data
8 Bit
A
Data
8 Bit
...
Register Block Read (I²C Read)
3.8.3 Register Write
The ZOPT2202 registers can be written to individually or in block write mode. When two or more bytes are written in block write mode,
reserved registers and read-only registers are skipped. The transmitted data is automatically applied to the next writable register. If a register
includes read (R) and read/write (RW) bits, the register is not skipped. Data written to read-only bits are ignored.
If the last valid address of the ZOPT2202’s address range is reached but the master attempts to continue the block write operation, the
address counter of the ZOPT2202 will not roll over. The ZOPT2202 will return NACK for every following byte sent by the master until the I²C
operation is ended.
If a write access is started on an address of a non-writeable register, the ZOPT2202 will return NACK until the I²C operation is ended.
Write operations must follow the timing diagram in Figure 3.6.
Figure 3.6 I²C Register Write
From master to slave
From slave to master
S
START condition
P
STOP condition
A
N
Acknowledge (ACK)
Not acknowledge (NACK)
0
S
Slave Addr
7 Bit
A
Address
P
Register Write (I²C Write)
Write
Data
8 Bit
A
0
S
Slave Addr
7 Bit
A
Address
P
Write
Data
8 Bit
A
A
Data
8 Bit
A
Data
8 Bit
...
A
A
Register Block Write (I²C Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com