Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2202AC9R Datasheet(PDF) 27 Page - Integrated Device Technology

Part # ZOPT2202AC9R
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202AC9R Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button ZOPT2202AC9R Datasheet HTML 23Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 24Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 25Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 26Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 27Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 28Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 29Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 30Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
27
September 21, 2016
3.10.4 PART_ID
Address
06HEX
Default value
B2HEX
Register access
R
Bit
7
6
5
4
3
2
1
0
06HEX
Part Number ID
Revision ID
Bit[7:4]
Part number ID
Bit[3:0]
Revision ID of the component. The value increases by one each time a new silicon revision is
manufactured
3.10.5 MAIN_STATUS
Address
07HEX
Default value
20HEX
Register access
R
Bit
7
6
5
4
3
2
1
0
07HEX
0
0
Power-On
status
LS interrupt
status
LS data
status
0
0
0
Bit[5]
Power-On status. If set to 1, the part went through a power-up event, either because the part was
turned on or because there was a power-supply voltage disturbance
A value of 1 is the default at first register read after power-on reset.
Note:
All interrupt threshold settings in the registers have been reset to power-on default states and
should be examined if the Power-On status flag is set.
The special operation mode needed for UVAB_Raw Mode is turned off if a power-up event
occurs and the mode must be initialized before UVAB_Raw Mode activation.
The flag is cleared after the register is read.
Bit[4]
LS interrupt status (updated even when the interrupt pin is disabled)
0 interrupt condition has not occurred (default)
1 interrupt condition has occurred (cleared after read)
Bit[3]
LS data status
0 old data, already read (default)
1 new data, not yet read (cleared after read)
Bit[2:0]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com