Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EIG1-R Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSC31015EIG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EIG1-R Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSC31015EIG1-R Datasheet HTML 1Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 2Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 3Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 4Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 5Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 6Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 7Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 8Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
RBicdLite™ Analog Output Sensor Signal
Conditioner with Diagnostic Features
ZSC31015
Datasheet
© 2016 Integrated Device Technology, Inc
2
November 14, 2016
Highly Versatile Applications
in Many Markets Including
Industrial
Building Automation
Office Automation
White Goods
Automotive *
Portable Devices
Your Innovative Designs
* Not AEC-Q100-qualified.
Analog Block
Digital Block
RBicdLite
ZSC31015
0.1
F
VSS
VBP
12-Bit
DAC
OUTBUF1
ZACwire
TM
Interface
Digital
Core
EEPROM
with Charge
Pump
PREAMP
INMUX
Temperature
Reference
VDD
Regulator
Power Save
POR/Oscillator
VBN
Vgate
SIG
TM
Bsink
(Optional)
VDD (2.7 to 5.5 V)
JFET
1
(Optional if supply is 2.7 to 5.5 V)
D
S
VSUPPLY
5.5 V to 30 V
Sensor
Diagnostics
Ext Temp
Power Lost
Diagnostic
A
D
14-Bit ADC
_
+
PTAT
Optional
Ext. Diode
for Temp
0 V to 1 V
Ratiometric
Rail-to-Rail
OWI/ZACwire
TM
2
1
5
6
7
8
3
4
ZSC31015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
F
Vsupply
Ground
+2.7 to +5.5 V
OUT
Optional Bsink
2
1
5
6
7
8
3
4
ZSC31015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
F
Vsupply
Ground
+5.5 to +30 V
OUT
Optional Bsink
S
D
BSS169
ZSC31015 Block Diagram
Rail-to-Rail Ratiometric Voltage Output Applications
Absolute Analog Voltage Output Applications
Ordering Examples (See section 11 of the data sheet for additional temperature range options.)
Sales Code
Description
Package
ZSC31015EEB
ZSC31015 Die
— Temperature range: -50°C to +150°C
Unsawn on Wafer
ZSC31015EEC
ZSC31015 Die
— Temperature range: -50°C to +150°C
Sawn on Wafer Frame
ZSC31015EEG1
ZSC31015 SOP8 (150 mil)
— Temperature range: -50°C to +150°C
Tube: add “-T” to sales code. Reel: add “-R”
ZSC31015KIT
ZSC31015
ZACwire™ SSC Evaluation Kit: Communication Board, SSC Board, Sensor
Replacement Board, USB Cable, 5 IC Samples (SOP8 150mil)
(ZACwire™ SSC Evaluation Software can be downloaded from www.IDT.com/ZSC31015)
Kit
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guarante ed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but no t limited to, the suitability of IDT's products for any particular purpose,
an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any licens e under intellectual
property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a mann er does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of
Integrated Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com