Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EIG1-R Datasheet(PDF) 35 Page - Integrated Device Technology

Part # ZSC31015EIG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EIG1-R Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button ZSC31015EIG1-R Datasheet HTML 31Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 32Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 33Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 34Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 35Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 36Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 37Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 38Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
© 2016 Integrated Device Technology, Inc
35
November 14, 2016
ZSC31015 Datasheet
EEPROM
Range
Description
Default
Settings
As of ww08/2009
Notes
95:88
SOT
0HEX
2
nd Order Term. This term is a 7-bit magnitude with sign.
SOT[7] = 1  negative
SOT[7] = 0  positive
SOT[6:0] = magnitude [0-127]
This term can apply to a 2
nd order Tcg, Tco or bridge correction.
(See Tc_cfg above.)
99:96
{SOT_cfg,
Pamp_Gain}
5HEX
Bits [99:98] = SOT_cfg
00 = SOT applies to Bridge
01 = SOT applies to Tcg
10 = SOT applies to Tco
11 = Prohibited
Bits [97:96] = Pre-Amp Gain
00 => 6
01 => 24 (default setting)
10 => 48
11 => 96
102:100
Diag_cfg
7HEX
This 3-bit term applies to diagnostic features
Diag_cfg[2]  enable output short circuit protection.
Diag _cfg[1]  enable sensor short checking.
Diag_cfg[0]  enables sensor connection checking.
105:103
Lock_ExtTemp
0HEX
EEPROM lock
011 or 110 => locked
All other
=> unlocked
When EEPROM is locked, the internal charge pump is disabled
and the EEPROM can never be programmed again.
Bit 105 (the MSB of this field) is also used for selecting external
temperature measurement.
000,001,010,011=>Internal PTAT used for temp
100,101,110,111=>External diode used for temp
112:106
Up_Clip_Lim
7FHEX
7-bit value used to select an upper clipping limit for the output. It
affects both analog and digital output. The 14-bit upper clipping
limit value is comprised of {11,Up_Clip_Lim[6:0],11111}. 127
different clipping levels are selectable between 75.19% and
100% of VDD.
119:113
Low_Clip_Lim
0HEX
7-bit value used to select a lower clipping limit for the output. It
affects both analog and digital output. The 14-bit lower clipping
limit value is comprised of {00,Low_Clip_Lim[6:0],00000}. 127
different clipping levels are selectable between 0% and 24.8%
of VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com