Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8751L Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8751L
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8751L Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8751L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Production Data
WM8751L
w
PD Rev 4.2 August 2006
13
AUDIO INTERFACE TIMING – SLAVE MODE
BCLK
DACLRC
t
BCH
t
BCL
t
BCY
DACDAT
t
LRSU
t
DS
t
LRH
Figure 3 Digital Audio Data Timing – Slave Mode (see Control Interface)
Test Conditions
DBVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode fs = 48kHz, MCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
System Clock Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
DACLRC setup time to BCLK rising edge
tLRSU
10
ns
DACLRC hold time from BCLK rising
edge
tLRH
10
ns
DACDAT hold time from BCLK rising
edge
tDH
10
ns
CONTROL INTERFACE TIMING – 3-WIRE MODE
CSB
SCLK
SDIN
t
CSL
t
DHO
t
DSU
t
CSH
t
SCY
t
SCH
t
SCL
t
SCS
LSB
t
CSS
Figure 4 Control Interface Timing – 3-Wire Serial Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com