Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR1 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # CR1
Description  AEC Q200 Rev D Qualified
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CR1 Datasheet(HTML) 3 Page - Amphenol Corporation

  CR1 Datasheet HTML 1Page - Amphenol Corporation CR1 Datasheet HTML 2Page - Amphenol Corporation CR1 Datasheet HTML 3Page - Amphenol Corporation CR1 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
BandolierSpecifications
Item
Symbol
Value(mm)
TOTALBANDTHICKNESS
t
0.7±0.2
MAXIMUMBANDTHICKNESS
Includingcomponentlead/splices
Tt
1.5MAXIMUM
CARRIER TAPE WIDTH
W
18+1.0/-0.5
ADHESION TAPE WIDTH
Theholddowntapeshallnotprotrudebeyondeitheredgeofthecarriertape
W0
6.0MINIMUM
POSITION OF ADHESION TAPE
Gapbetweenupperedgesofcarriertapeandhold-downtape
W2
3.0MAXIMUM
SPROCKET HOLE POSITION
W1
9.0±0.5
SPROCKET HOLE DIAMETER
D0
4.0±0.2
PITCH OF COMPONENT
P
12.7±1.0
SPROCKET HOLE PITCH
P0
12.7±0.3
PITCH TOLERANCE OVER ANY 20 PITCHES
±1.0
WIRE POSITION
Distancebetweentheordinateandthefirstleadofthefollowingcomponentinthe
directionofunreelingorfeeding.(Validfromupperedgeofthetapetotheseating
plane)
P1
5.08±0.7
HOLE CENTRE TO COMPONENT CENTRE
P2
6.35±1.3
IN-PLANECOMPONENTDEVIATION
Maximumdeviationofthecomponentbodyinthetapeplane(fromthenominalposition)
dp
±3
FRONT TO REAR DEVIATION
Themaximumlateraldeviationofthecomponentfromthenominalpositionmeasuredat
thebottomcentreofthecomponentbody.Maximumalignmentdeviationoftheleads
(validfromtheupperedgeofthetapetotheseatingplane)whendhistakenaszero,
shallbe0.2mm.Thisdimensionmustremaininlimitsafterthedevicehasbeencropped
fromthebandolier
dh
±3
WIRE SPACING
Atupperedgeoftape
F
2.5±0.5
WIRE DIAMETER
d
0.4±0.02
SEATING HEIGHT
Distancebetweentheabscissaandtheseatingplaneofthecomponentbodywith
straightleads.
H
45±1
HEAD HEIGHT
Distancebetweentheabscissaandthetopofthecomponentbody
H1
48max
WIRE PROTRUSION
(Adhesivetape)
Protrusionofwiresbeyondthelowersideoftheadhesivetape
h
5MAXIMUM
WIRE PROTRUSION
(Carrier)
Protrusionofwiresbeyondthelowersideofthecarriertape
l1
NO PROTRUSION
PERMITTED
CUT WIRE LENGTH
Forcutoutcomponentsthelengthoftheresidualleadsbeyondtheupperedgeofthe
carriertapemeasuredfromtheabscissa
L
12 Nom
COMPONENT HEAD LENGTH
A
5max
EGR SENSOR
Resistance
Bvalue25/85°C
Coating
Packing
NKA202C2B2
R100=186.6
Ω±2%
3540K±0.75%
CR1
BandolieredH
1=45±1mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com