Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR1 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # CR1
Description  AEC Q200 Rev D Qualified
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CR1 Datasheet(HTML) 4 Page - Amphenol Corporation

  CR1 Datasheet HTML 1Page - Amphenol Corporation CR1 Datasheet HTML 2Page - Amphenol Corporation CR1 Datasheet HTML 3Page - Amphenol Corporation CR1 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R25
Ω
Material
System
B Value
25/85°C
K
Maximum#
Operating
Temp.
°C (°F)
Code
R25°C ± 1%
Code
R25°C ± 2%
Code
R25°C ± 3%
Code
R25°C ± 5%
Code
R25°C ± 10%
500
2
3540±1%
170(338)
NKA501C2*1
NKA501C2*2
NKA501C2*3
NKA501C2*5
NKA501C2*10
500
2A
3627±1%
170(338)
NKA501C2A*1 NKA501C2A*2 NKA501C2A*3 NKA501C2A*5
NKA501C2A*10
500
7
3977±1%
170(338)
NKA501C7*1
NKA501C7*2
NKA501C7*3
NKA501C7*5
NKA501C7*10
1000
2
3540±1%
170(338)
NKA102C2*1
NKA102C2*2
NKA102C2*3
NKA102C2*5
NKA102C2*10
1000
2A
3627±1%
170(338)
NKA102C2A*1 NKA102C2A*2 NKA102C2A*3 NKA102C2A*5
NKA102C2A*10
1000
7
3977±1%
170(338)
NKA102C7*1
NKA102C7*2
NKA102C7*3
NKA102C7*5
NKA102C7*10
2000
2
3540±1%
170(338)
NKA202C2*1
NKA202C2*2
NKA202C2*3
NKA202C2*5
NKA202C2*10
2050
2
3540±0.75%
170(338)
NKA202C2B2
2000
2A
3627±1%
170(338)
NKA202C2A*1 NKA202C2A*2 NKA202C2A*3 NKA202C2A*5
NKA202C2A*10
2000
7
3977±1%
170(338)
NKA202C7*1
NKA202C7*2
NKA202C7*3
NKA202C7*5
NKA202C7*10
2700
1
3977±0.75%
190(374)
NKA272C1*1
NKA272C1*2
NKA272C1*3
NKA272C1*5
NKA272C1*10
5000
4A
3435±1%
170(338)
NKA502C4A*1 NKA502C4A*2 NKA502C4A*3 NKA502C4A*5
NKA502C4A*10
5000
1
3977±0.75%
190(374)
NKA502C1*1
NKA502C1*2
NKA502C1*3
NKA502C1*5
NKA502C1*10
10000
4A
3435±1%
170(338)
NKA103C4A*1 NKA103C4A*2 NKA103C4A*3 NKA103C4A*5
NKA103C4A*10
10000
5
3740±1%
170(338)
NKA103C5*1
NKA103C5*2
NKA103C5*3
NKA103C5*5
NKA103C5*10
10000
1
3977±0.75%
190(374)
NKA103C1*1
NKA103C1*2
NKA103C1*3
NKA103C1*5
NKA103C1*10
12000
5
3740±1%
170(338)
NKA123C5*1
NKA123C5*2
NKA123C5*3
NKA123C5*5
NKA123C5*10
30000
8
3977±1%
170(338)
NKA303C8*1
NKA303C8*2
NKA303C8*3
NKA303C8*5
NKA303C8*10
50000
8
3977±1%
170(338)
NKA503C8*1
NKA503C8*2
NKA503C8*3
NKA503C8*5
NKA503C8*10
AAS-920-645G - 06/2015
www.amphenol-sensors.com
©2015AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors
NKAStandardRangeResistanceValues
(other values available upon request)
Replace*inthetablecodesshownaboveasfollows:
Loose-packed............................................R
Bandoliered...............................................B
Note: Add Suffix C to Code for CR1
See separate tables for resistance - temperature data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com